Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..145XPWM Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS28-2..145XPWM
Description  WLS28-2 LED Strip Light - PWM Dimmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..145XPWM Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS28-2..145XPWM Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 5Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 6Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 7Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 8Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
Banner's LED Strip Lights have sturdy aluminum housings, shatterproof windows, and impressive
environmental ratings, making them an ideal general-purpose LED light for machine, enclosure, or other
industrial lighting applications.
•
Intensity can be controlled from 0 to 100% using Pulse Width Modulation (PWM) on an input
control wire
•
Low-profile, space-saving design
•
Rugged, water-resistant IP69K option
•
Available in eight lengths from 145 mm to 1130 mm
•
Lensed models or choice of clear or diffuse window
•
Daisy chain power to multiple lights to control intensity simultaneously
•
Optional snap clips for easy installation and repositioning
•
Automatic temperature protection built into the unit. Above 50 °C, the light dims to manage heat
and protect product lifetime
For PWM dimming, use with the LC65 Dimmer Module. For more information, refer to the LC65 LED Dimmer
Module datasheet, p/n
177086.
Stand-Alone Light—cable
Stand-Alone Light or End Light in a Cascade—QD
First Light in a Cascade—cable
First or Middle of a Cascade—QD
WLS28-2 Work Light Strips are available as either stand-alone models, or as cascade models that can be "daisy-chained" together
for a continuous length of lighting, with a minimum of wiring.
Stand-alone models have cable or male QD fitting at one end for power connection, no connections at opposite end. A stand-alone
model may be used as the last in the cascade series.
Cascade models have cable or male QD fitting at one end for power connection, female QD fitting at opposite end for connection
to other lights in the cascade. Cascade models with cable end can only be used as the first light in the cascade series. A double-
ended accessory cordset must be used between each pair of lights in a cascade.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde
www.bannerengineering.com toda la documentación técnica de los WLS28-2 LED Strip Light - PWM
Dimmable, disponibles en múltiples idiomas, para detalles del uso adecuado, aplicaciones, advertencias, y
las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation
technique complète des WLS28-2 LED Strip Light - PWM Dimmable sur notre site
www.bannerengineering.com pour les détails sur leur utilisation correcte, les applications, les notes de
sécurité et les instructions de montage.
WLS28-2 LED Strip Light - PWM Dimmable
Original Document
179493 Rev. G
27 August 2019
179493


Similar Part No. - WLS28-2..145XPWM

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS28-2..145XPB BANNER-WLS28-2..145XPB Datasheet
710Kb / 5P
WLS28-2 Dual Color LED Strip Light
WLS28-2..145XPB BANNER-WLS28-2..145XPB Datasheet
837Kb / 11P
WLS28-2 LED Strip Light
More results

Similar Description - WLS28-2..145XPWM

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Banner Engineering Corp...
WL50-2 BANNER-WL50-2 Datasheet
411Kb / 4P
WL50-2 LED Work Light - PWM Dimmable
WLA BANNER-WLA_V02 Datasheet
651Kb / 4P
WLA General Purpose LED Light - PWM Dimmable
WLC60 BANNER-WLC60_V02 Datasheet
1Mb / 8P
WLC60 Heavy Duty LED Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS28-2 BANNER-WLS28-2 Datasheet
837Kb / 11P
WLS28-2 LED Strip Light
WLS28-2 BANNER-WLS28-2_V02 Datasheet
710Kb / 5P
WLS28-2 Dual Color LED Strip Light
WLS28-2 BANNER-WLS28-2_V03 Datasheet
639Kb / 6P
WLS28-2 UV LED Strip Light
WLS28-2 BANNER-WLS28-2_V04 Datasheet
751Kb / 6P
EZ-STATUS짰 WLS28-2 Multicolor LED Strip Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com