Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS28-2..145XPWM Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS28-2..145XPWM
Description  WLS28-2 LED Strip Light - PWM Dimmable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS28-2..145XPWM Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS28-2..145XPWM Datasheet HTML 1Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 2Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 3Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 4Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 5Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 6Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 7Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 8Page - Banner Engineering Corp. WLS28-2..145XPWM Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Models
WLS28-2
C
W
145
D
X
Q
Connector
Construction
Window
Lighted
Length (mm)
LED Color
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Cool white
WW = Warm white
R = Red
G = Green
B = Blue
Y = Yellow
145
285
430
570
710
850
990
1130
Blank = Clear plastic
D = Diffused plastic
L25 = 25 deg lensed
window
X = Not sealed
S = Sealed †
* Models require a mating cordset
† Sealed models not available with On/Off Switch
PWM = Pulse Width
Modulation Dimming
Blank = 2 m integral cable
Q = Integral 4-pin Euro-style-
QD (mating cordset required*)
Control
PWM
Table 1: IP50 Models
Stand-Alone1
Cascade1
Lighted Length
Power Connector
WLS28-2XW145XPWM
WLS28-2CW145XPWM
145 mm
2 m cable
WLS28-2XW285XPWM
WLS28-2CW285XPWM
285 mm
WLS28-2XW430XPWM
WLS28-2CW430XPWM
430 mm
WLS28-2XW570XPWM
WLS28-2CW570XPWM
570 mm
WLS28-2XW710XPWM
WLS28-2CW710XPWM
710 mm
WLS28-2XW850XPWM
WLS28-2CW850XPWM
850 mm
WLS28-2XW990XPWM
WLS28-2CW990XPWM
990 mm
WLS28-2XW1130XPWM
WLS28-2CW1130XPWM
1130 mm
Table 2: IP67/IP69K Models
Stand-Alone1
Cascade1
Lighted Length
Power Connector
WLS28-2XW145SPWM
WLS28-2CW145SPWM
145 mm
2 m cable
WLS28-2XW285SPWM
WLS28-2CW285SPWM
285 mm
WLS28-2XW430SPWM
WLS28-2CW430SPWM
430 mm
WLS28-2XW570SPWM
WLS28-2CW570SPWM
570 mm
WLS28-2XW710SPWM
WLS28-2CW710SPWM
710 mm
WLS28-2XW850SPWM
WLS28-2CW850SPWM
850 mm
WLS28-2XW990SPWM
WLS28-2CW990SPWM
990 mm
WLS28-2XW1130SPWM
WLS28-2CW1130SPWM
1130 mm
Wiring Diagram
Male
Female
Pin
Wire Color
Connection
1
4
3
2
2
3
4
1
1
brown
12 V dc to 30 V dc
3
blue
dc common
4
black
Pulse width modulation (PWM) input. For maximum intensity, leave the
black wire floating or connected to common. Connecting to 12 V dc to
30 V dc causes LEDs to shut off.
2
white
Not used
1 Integral 2 m (6.5 ft) unterminated cable models are listed. To order the 4-pin M12/Euro-style integral quick disconnect model, add the
suffix "Q" to the model number. For example, WLS28-2XW285XPWMQ.
WLS28-2 LED Strip Light - PWM Dimmable
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 179493 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com