Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2F20MTSCF Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # MIP2F20MTSCF
Description  Silicon MOS type integrated circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

MIP2F20MTSCF Datasheet(HTML) 1 Page - Panasonic Battery Group

  MIP2F20MTSCF Datasheet HTML 1Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 2Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 3Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 4Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 5Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 6Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 7Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Doc No. TD4-EA-01805
Revision. 1
Publication date: 2012-10-19
MIP2F20MTSCF
種別/Type
シリコン MOS形集積回路/Silicon MOSFET type Integrated Circuit
用途/Application
スイッチング電源制御用/For Switching Power Supply Control
構造/Structure
CMOS形/CMOS type
等価回路/Equivalent Circuit
添付図/See Figure.6
外形/Out Line
DIP7-A1-B
マーク記号/マーキング/Marking
MIP2F2
A.絶対最大定格/ABSOLUTE MAXIMUM RATINGS (Ta=25℃±3℃)
NO.
項目/Item
記号/
定格/Ratings
単位/
備考/Note
Symbol
Unit
ドレイン電圧
※1:
1
DRAIN Voltage
VD
-0.3 ~ 700
V
下記パルス幅以内での
VCC電圧
保証とする
2
VCC Voltage
VCC
-0.3 ~ 45
V
(It is guaranteed within
VDD電圧
the pulse as below.)
3
VDD Voltage
VDD
-0.3 ~ 8
V
フィードバック電圧
4
FEEDBACK Voltage
VFB
-0.3 ~ 8
V
オン時ブランキング幅
フィードバック電流
+過電流保護遅れ時間
5
FEEDBACK Current
IFB
500
uA
Leading Edge Blanking
CL端子電圧
Pulse + Current Limit
6
CL Voltage
VCL
-0.3 ~ 8
V
Delay
CL端子電流
ton(BLK)+td(OCL)
7
CL Current
ICL
150
uA
出力ピーク電流
8
Output Peak Current
IDP
650(※1)
mA
チャネル部温度
9
Channel Temperature
Tch
150
℃
保存温度
10
Storage Temperature
Tstg
-55 ~ +150
℃
B.電気的特性/ELECTRICAL CHARACTERISTICS
測定条件/Measure condition (TC=25℃±2℃)
No.
項目/Item
記号/
測定条件/Measure Condition
Typ.
Limit
Unit
Symbol
(測定図-1 参照/See Figure 1)
Min
Max
【コントロール機能/CONTROL FUNCTIONS】
1
出力周波数
fosc
VCC=15 V, VD=5 V, IFB=20 uA, ICL=50 uA
100
90
110
kHz
Output Frequency
fosc(L)
VCC=15 V, VD=5 V, IFB:OPEN, ICL<ICL1
12
9
15
kHz
最大デューティサイクル
2
Maximum Duty Cycle
MAXDC
VCC=15 V, VD=5 V, IFB=20 uA, ICL=50 uA
47.5
45
50
%
VDD基準電圧
3
VDD Voltage
VDD
VCC=15 V, VD=5 V, IFB=20 uA, ICL=50 uA
5.9
5.4
6.4
V
VDD停止電圧
4
UV Lockout Threshold Voltage
VUV
VD=5 V, IFB=20 uA, ICL=50 uA
5.1
4.6
5.6
V


Similar Part No. - MIP2F20MTSCF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP289 PANASONIC-MIP289 Datasheet
251Kb / 3P
Silicon MOS integrated circuit
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
MIP2C10MP PANASONIC-MIP2C10MP Datasheet
216Kb / 3P
MIP2C10MP
MIP2C2 PANASONIC-MIP2C2 Datasheet
84Kb / 3P
MIP2C2 High-Performance IPD for Battery Chargers
MIP2E3DMY PANASONIC-MIP2E3DMY Datasheet
177Kb / 3P
MIP2E3DMY
More results

Similar Description - MIP2F20MTSCF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V16100FT-10 TOSHIBA-TC55V16100FT-10 Datasheet
427Kb / 8P
MOS DIGITAL INTEGRATED CIRCUIT SILICON CMOS
logo
Panasonic Semiconductor
MIP515 PANASONIC-MIP515 Datasheet
64Kb / 3P
Silicon MOSFET type Integrated Circuit
MIP517 PANASONIC-MIP517 Datasheet
76Kb / 3P
Silicon MOSFET type integrated circuit
logo
Toshiba Semiconductor
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
Panasonic Semiconductor
MIP3E40MY PANASONIC-MIP3E40MY Datasheet
333Kb / 3P
Silicon MOS integrated circuit
MIP2M40MS PANASONIC-MIP2M40MS Datasheet
667Kb / 8P
Silicon MOS FET type integrated circuit
20100202
MIP0254SP PANASONIC-MIP0254SP Datasheet
379Kb / 3P
Silicon MOS type integrated circuit
June 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com