Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2F20MTSCF Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # MIP2F20MTSCF
Description  Silicon MOS type integrated circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

MIP2F20MTSCF Datasheet(HTML) 3 Page - Panasonic Battery Group

  MIP2F20MTSCF Datasheet HTML 1Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 2Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 3Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 4Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 5Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 6Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 7Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Doc No. TD4-EA-01805
Revision. 1
Publication date: 2012-10-19
MIP2F20MTSCF
No.
項目/Item
記号/
測定条件/Measure Condition
Typ.
Limit
Unit
Symbol
(測定図-1 参照/See Figure 1)
Min
Max
【出力/OUTPUT】
ラッチリセット電圧
26
Power-up Reset Threshold Voltage
VDDreset
2.6
1.8
3.5
オン抵抗
27
ON-State Resistance
RDS(ON) ID=50 mA
20
27
Ω
オフ時ドレイン端子リーク電流
28
OFF-State Current
IDSS
VCC=27 V, VD=650 V, FB:OPEN, CL:OPEN
10
20
uA
ドレイン耐圧
29
Breakdown Voltage
VDSS
VCC=27 V, ID=100 uA, FB:OPEN, CL:OPEN
700
立ち上がり時間
※Figure 5
30
Rise Time
tr
VCC=15 V, VD=5 V, FB:OPEN, ICL=50 uA
100
Ns
立ち下がり時間
※Figure 5
31
Fall Time
tf
VCC=15 V, VD=5 V, FB:OPEN, ICL=50 uA
50
Ns
【電源電圧/SUPPLY】
最小ドレイン電圧
32
Drain Supply Voltage
VD(MIN)
VCC:OPEN, FB:OPEN, CL:OPEN
50
【Fig.1:測定回路図/Measure Circuit】
S
D
VCC
CL
VDD
FB
S
0.1uF
0.1uF
56k
22k
S
D
VCC
CL
VDD
FB
S
S
D
VCC
CL
VDD
FB
S
0.1uF
0.1uF
56k
22k
270 uH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com