Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2F20MTSCF Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # MIP2F20MTSCF
Description  Silicon MOS type integrated circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

MIP2F20MTSCF Datasheet(HTML) 2 Page - Panasonic Battery Group

  MIP2F20MTSCF Datasheet HTML 1Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 2Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 3Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 4Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 5Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 6Page - Panasonic Battery Group MIP2F20MTSCF Datasheet HTML 7Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Doc No. TD4-EA-01805
Revision. 1
Publication date: 2012-10-19
MIP2F20MTSCF
No.
項目/Item
記号/
測定条件/Measure Condition
Typ.
Limit
Unit
Symbol
(測定図-1 参照/See Figure 1)
Min
Max
【コントロール機能/CONTROL FUNCTIONS】
VCC起動電圧
5
VCC Start Voltage
VCC(ON) VD=5 V, IFB=20 uA, ICL=50 uA
7.5
6.5
8.5
V
VCC充電停止電圧
6
VCC Charge Stop Threshold Voltage
VCC1
VD=40 V, FB:OPEN, CL:OPEN
12
11
13
V
フィードバック電流
ON → OFF
7
Feedback Threshold Current
IFB1
VCC=15 V, VD=5 V, ICL=50 uA
45
25
65
uA
フィードバック電流ヒステリシス
8
Feedback Hysteresis Current
IFBHYS
VCC=15 V, VD=5 V, ICL=50 uA
2
uA
重負荷時FB端子電流
ICC0 → ICC
9
FB Pin Current at Heavy Load
IFB0
VCC=15 V, VD=5 V, ICL=50 uA
11
7
15
uA
FB端子電圧
10
FB Pin Voltage
VFB
VCC=15 V, VD=5 V, IFB=20 uA, ICL=50 uA
1.0
0.7
1.3
V
回路消費電流
11
Supply Current
ICC
VCC=15 V, VD=5 V, IFB=20 uA, ICL=50 uA
0.35
0.25
0.45
mA
軽負荷時回路消費電流
VCC=15 V, VD=5 V
12
Supply Current at Light Load
ICC(OFF) IFB=IFB1+5 uA, ICL=50 uA
0.25
0.18
0.32
mA
重負荷時回路消費電流
13
Supply Current at Heavy Load
ICC0
VCC=15 V, VD=5 V, IFB=OPEN, ICL=50 uA
0.54
0.4
0.68
mA
VDD充電電流
Ich1
VDD=0 V, VD=40 V, FB:OPEN, CL:OPEN
3
1
4.6
mA
14
VDD Charging Current
Ich2
VDD=4 V, VD=40 V, FB:OPEN, CL:OPEN
1.0
0.3
1.7
mA
CL端子電圧
15
CL Pin Voltage
VCL
VCC=15 V, VD=5 V, FB:OPEN, ICL=15 uA
2.3
2.0
2.6
V
fosc 低下時CL端子電流
fosc → fosc(L)
※Figure 3
16
Dropped fosc CL Pin Current
ICL1
VCC=15 V, VD=5 V, FB:OPEN
11
8
14
uA
fosc 低下時CL端子電流ヒステリシス
※Figure 3
17
CL Pin Hysteresis Current
ICLHYS
VCC=15 V, VD=5 V, FB:OPEN
1.0
uA
【保護機能/CIRCUIT PROTECTIONS:*は設計保証項目/Design Guarantee Item】
過電流保護検出
※Figure 2/Figure 4
18
Self Protection Current Limit
ILIMIT
VCC=15 V, FB:OPEN, ICL=50 uA,DUTY=30%
0.35
0.315
0.385
A
ILIMIT 補正係数
※Figure 2/Figure 4
19
ILIMIT modified coefficient
R_slope
VCC=15 V, FB:OPEN, ICL=50 uA
28
mA/us
最小ILIMIT
Ton=3 usec
20
Minimum ILIMIT
ILIMITmin VCC=15 V, FB:OPEN, ICL=0 uA
55
20
100
mA
*
軽負荷時ドレイン電流
Ton=3 usec
21
Drain Current at Light Load
ID(OFF)
VCC=15 V, IFB=IFB1+IFBHYS, ICL=50 uA
90
30
150
mA
*
オン時ブランキング幅
22
Leading Edge Blanking Delay
ton(BLK)
VCC=15 V, FB:OPEN, ICL=50 uA
240
170
310
Ns
*
過電流保護遅れ時間
23
Current Limit Delay
td(OCL)
150
100
200
Ns
過電圧保護検出
24
Over Voltage Protection
VCC(OV) VDD=5 V, FB:OPEN, ICL=50 uA
24
21
27
V
*
過熱保護温度
25
Thermal Shutdown Temperature
TOTP
140
130
150
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com