Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp. TL70 Datasheet HTML 5Page - Banner Engineering Corp. TL70 Datasheet HTML 6Page - Banner Engineering Corp. TL70 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LED (Bi-color)
Node Status
Flashing green
Radio link okay
Green and red flashing alternately
In Binding mode
Both colors are solid for 4 seconds, then flash 4 times; looks amber
Binding mode is complete
Flashing red, once every 3 seconds
Radio link error
Flashing red, once every second
Device error
Assemble the TL70 Wireless Communication Segment
Align the notches
Notches shown in locked position
To assemble the modules:
1. Position the TL70 Wireless Communication Segment on the base.
The communication segment must mount directly to the TL70 base.
2. Align the notches on each module and press together.
3. Rotate the top module clockwise to lock into place (notches shown in
the locked position).
4. Assemble the remaining modules in the desired order.
Follow the instructions and wiring diagrams on the TL70 Modular Tower Light
datasheet, using either the standard or AC voltage base for triggering
appropriate inputs.
Sure Cross® User Configuration Tool
The User Configuration Tool (UCT) offers an easy way to link I/O points in your wireless network, view I/O register values, and set
system communication parameters when a host system is not part of the wireless network. The software runs on any computer
with the Windows Vista, Windows 7, Windows 8, or Windows 10 operating system.
Use a USB to RS-485 adapter cable to connect a standalone DX80 Gateway to the
computer. For DXM Controllers with an internal DX80 radio, connect a computer to the
DXM Controller using a USB or Ethernet connection. Download the most recent revisions
of the UCT software from Banner Engineering's website:
www.bannerengineering.com/
wireless.
The USB to RS-485 adapter cable is not required for the DXM Controller. For standalone
DX80 Gateway devices use:
•
USB to RS-485 adapter cable model BWA-UCT-900 for 1 Watt radios
•
USB to RS-485 adapter cable model BWA-HW-006 for all other radios
Modbus Registers
Modbus holding registers for the 8-pin models. On 5-pin models, the M5 and M6 modules are not available. When DIP Switch 7 and 5 are enabled, the I/O range for
all outputs is up to 0xFFFF, based on which flash pattern message is being created. Input register values: 0 = OFF, 1 = ON and if DIP Switch 6 is enabled then 2 =
Flashing OFF, 3 = Flashing ON is added.
I/O
Modbus Holding Register
I/O Type
I/O Range
Holding Register
Representation (Dec.)
Module #
Gateway
Any Node
Min.
Max.
Min.
Max.
1
1
1 + (Node# × 16)
Discrete IN 1 / Bit-packed inputs ¹
0
3 / 63
0
3 / 63
M1
2
2
2 + (Node# × 16)
Discrete IN 2
0
3
0
3
M2
3
3
3 + (Node# × 16)
Discrete IN 3
0
3
0
3
M3
4
4
4 + (Node# × 16)
Discrete IN 4
0
3
0
3
M4
5
5
5 + (Node# × 16)
Discrete IN 5 / 32-bit event counter high word ²
0
3 / 65535
0
3 / 65535
M5
6
6
6 + (Node# × 16)
Discrete IN 6 / 32-bit event counter low word ²
0
3 / 65535
0
3 / 65535
M6
7
7
7 + (Node# × 16)
Reserved
8
8
8 + (Node# × 16)
Device Message
9
9
9 + (Node# × 16)
Discrete OUT 9 / Bit-picked outputs ¹
0
1 / 63
0
1 / 63
M1
TL70 Wireless Communication Segment
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204207 Rev. B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com