Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp. TL70 Datasheet HTML 5Page - Banner Engineering Corp. TL70 Datasheet HTML 6Page - Banner Engineering Corp. TL70 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Event Counter
To use the event counter, the measured (logic high) signal must be greater
than or equal to 25 ms. The 32-bit count is stored in I/O registers 5 and 6.
To zero out (clear) the event counter,
•
Map an input/button on a Gateway to Node register 14 to clear the
counter when the input/button is activated; or
•
From a host system, write a 1 (the output must transition from a zero
to a one to reset the counter) to Node register 14 or write a 5424
(0x1530) to Node control register 15.
RF firmware revision 5.3 or higher (on all products released after 3/20/2015) is
required to use this feature.
Correct
Incorrect
t = 0
25 ms 50 ms 75 ms 100 ms
Bind the TL70 to the Gateway and Assign the Node Address
Before beginning the binding procedure, apply power to all the devices.
LED
DIP Switches
Binding
Push Button
Bank # 2 (5-8)
DIP Switches
Bank # 1 (1-4)
1. Enter binding mode on the Gateway.
•
For housed models, triple-click button 2.
•
For board-level modules, triple-click the button.
•
For DXM models, under the ISM Radio menu, use the down arrow button to highlight the Binding menu. Click ENTER.
On the board modules, the green/red LED flashes. On the housed models, both LEDs flash red.
2. Assign the TL70 a Node address using the Gateway's rotary dials or the DXM's arrow keys. Use the left rotary dial for the
left digit and the right rotary dial for the right digit. For example, to assign your TL70 to Node 01, set the left dial to 0 and
the right dial to 1.
Valid Node addresses are 01 through 47.
3. Remove any components to access the circuit board in the radio module of the TL70.
4. Enter binding mode on the TL70 by triple-clicking the button.
The bicolor LED flashes alternately while it searches for a Gateway in binding mode. After the TL70 is bound, the LED is
red and green for four seconds (looks amber), then it flashes four times (looks amber). The TL70 automatically exits binding
mode, cycles power, and enters Run mode.
5. For DXM Gateways, click BACK to exit binding for that specific Node address.
6. Label the Node with the assigned address for future references.
This makes it easier to identify the physical Node location within a multi-Node network.
7. Reassemble the components back onto the base.
8. Repeat steps 2 through 5 for as many TL70 Wireless Communication Segments as are needed for your network.
9. After binding all TL70s, exit binding mode on the Gateway.
•
For housed models, double-click button 2.
•
For board-level modules, double-click the button.
•
For DXM models, click BACK until you return to the main menu.
LED Behavior for the Nodes
Nodes do not sample inputs until they are communicating with the Gateway. The radios and antennas must be a minimum distance
apart to function properly. Recommended minimum distances are:
900 MHz 150 mW and 250 mW radios: 6 feet
900 MHz 1 Watt radios: 15 feet
2.4 GHz 65 mW radios: 1 foot
TL70 Wireless Communication Segment
P/N 204207 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com