Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp. TL70 Datasheet HTML 5Page - Banner Engineering Corp. TL70 Datasheet HTML 6Page - Banner Engineering Corp. TL70 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DIP Switch 2—Use DIP switch 2 if:
•
There are no light segments attached to the tower light base; or
•
In conjunction with DIP switch 5 and constant power to read inputs back to the Gateway and control light segments
independently from the Gateway using the output registers.
DIP Switch 2: Input Wires
900 MHz Models and 2.4 GHz Models
OFF *
Input wires control light segments
ON
Disables input wire control of light segments; input state is still reported back to the Gateway
DIP Switch 3—In the default position (OFF), inputs 1 through 6 control the tower lights. When DIP switch 3 is ON, the input wire for
Module 5 is the counter input and the input wire for Module 6 is disabled. Registers 5 and 6 store the 32- bit synchronous counter
count. Inputs 5 and 6 are independent from the lights and will not drive any lights they are wired to. Input wires 1 through 4
function normally. Using the counter input requires a TL70 with an 8-pin base to support the additional counting input.
DIP Switch 3: Event Counter
900 MHz Models and 2.4 GHz Models
OFF *
Default I/O operation
ON
Configure input 5 as a 32-bit synchronous counter at a maximum frequency of 20 Hz; disable input 6 (the
counter requires two registers)
DIP Switch 4—Bit packing uses a single register, or range of contiguous registers, to represent I/O values. This allows you to read
or write multiple I/O values with a single Modbus message. Input 1 is stored in the least significant bit of register 1. Output 1 is
stored in the least significant bit of register 9. DIP switch 4 in the ON position does not work with DIP switch 6 for flashing
recognition.
DIP Switch 4: Bit Packing I/O
900 MHz Models and 2.4 GHz Models
OFF *
Default I/O operation
ON
Bit-packed I/O with all inputs in Modbus register 1 and all outputs in Modbus register 9. All other Modbus
registers are disabled.
DIP Switch 5—Enabling dc-powered mode with DIP switch 5 configures the input wire for Module 6 to accept a constant 24 V dc
input. The TL70 can still accept inputs for up to 5 tower light segments and remotely control light segments from the Gateway.
DIP Switch 5: Configure DC Power Mode
900 MHz Models and 2.4 GHz Models
OFF *
Default I/O operation
ON
Enable dc-powered mode and remote light segment control
DIP Switch 6—Enables the TL70 Wireless Node Segment to recognize a 0.8 Hz to 6 Hz flashing state produced on the input. This
feature allows each light segment attached to have two separate states that can be recognized and tracked for reporting or
triggering rules/functions when paired with the DXM100 Wireless Controller. The input register will alternate between a value of 2
and 3 when the flashing state is active. DIP switch 6 in the ON position cannot be used in conjunction with DIP switch 4 (ON
position).
DIP Switch 6: Enable Flash Recognition
900 MHz Models and 2.4 GHz Models
OFF *
Default I/O operation (Input register values: 0 = OFF, 1 = ON)
ON
Enables flash recognition (Input register values: 0 = OFF, 1 = ON, 2 = Flashing OFF, 3 = Flashing ON)
DIP Switch 7—Allows the user to trigger the output of a light in a specific flash pattern. To use this feature constant power is
required and DIP switch 5 must be turned ON. See
Creating Host Controlled Flash Patterns on page 5 for more information.
DIP Switch 7: Enable Host Controlled Flash
Patterns
900 MHz Models and 2.4 GHz Models
OFF *
Default I/O operation
ON
Enables host controlled flash patterns
TL70 Wireless Communication Segment
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204207 Rev. B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com