Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBBA3000 Datasheet(PDF) 1 Page - Recom International Power

Part # RBBA3000
Description  Non-isolated buck/boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBBA3000 Datasheet(HTML) 1 Page - Recom International Power

  RBBA3000 Datasheet HTML 1Page - Recom International Power RBBA3000 Datasheet HTML 2Page - Recom International Power RBBA3000 Datasheet HTML 3Page - Recom International Power RBBA3000 Datasheet HTML 4Page - Recom International Power RBBA3000 Datasheet HTML 5Page - Recom International Power RBBA3000 Datasheet HTML 6Page - Recom International Power RBBA3000 Datasheet HTML 7Page - Recom International Power RBBA3000 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.recom-power.com
REV.: 0/2019
RBB-1
DC/DC Converter
Description
The RBBA3000 is a high efficiency non-isolated buck/boost converter with up to 50A
output current in a half-brick case. The input voltage range is from 9-60VDC and the output
voltage (0-60V) and current (0-50A) are independently set via fixed trim resistors or an external voltage.
The Ishare pin has two functions: it can be used to monitor the load current in stand-alone applications
or it can be used to connect two modules in parallel to double the maximum output current to 100A.
Typical applications are 48V to 24V or 12V to 24V battery power conversion, electric vehicles, battery
voltage stabilizers or high power laboratory DC power supplies. With appropriate cooling, the full power
operating temperature extends from -40°C to +85°C and the RBBA3000-50 comes with RECOM’s
standard 2 year warranty.
50 Amp
Half Brick
Buck/Boost
converter
RBBA3000
max. Output Current
Model Numbering
RBBA3000-50
Features
Power
Module
• Non-isolated buck/boost converter
• Up to 3000W in half brick case
• Adjustable output voltage and current
• Efficiency up to 96%
• Wide operating temperature range from
-40°C to +85°C without derating
Selection Guide
Part
Input Voltage
Input
Nom. Output
Output
Efficiency
Number
Range
Current max.
Voltage
Current max.
typ. (1)
[VDC]
[A]
[VDC]
[A]
[%]
RBBA3000-50
9 - 60
55
0 - 60
50
96
EN55032 compliant
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range (2)
nom. Vin = 48VDC
9VDC
60VDC
Absolute Maximum Input Voltage
100ms
80VDC
Undervoltage Lockout Threshold
DC-DC ON
DC-DC OFF
7VDC
5VDC
8VDC
6VDC
9VDC
7VDC
Undervoltage Lockout Hysteresis
2VDC
Input Current (3)
low line to high line
55A
Quiescent Current
no load
Vin = 24VDC
Vout = 12VDC
Vout = 24VDC
Vout = 48VDC
100mA
90mA
180mA
Internal Power Dissipation
refer to
„Power Dissipation vs. Output Current“
Output Current Range (2)
0A
50A
Output Voltage Trimming (4)
0VDC
60VDC
continued on next page
Specifications (measured @ Ta= 25°C, 2.5m/s, nom. Vin, 24Vout and after warm-up unless otherwise stated)
Notes:
Note2: For detail information please refer to
“Safe Operating Area”
Note3: For detail information please refer to
“PROTECTIONS”
Note4: For detail information please refer to
“Output Voltage Trimming”
Notes:
Note1: Efficiency is tested at nominal input and 24Vout at +25°C ambient


Similar Part No. - RBBA3000

ManufacturerPart #DatasheetDescription
logo
Bi technologies
RBB BITECH-RBB Datasheet
47Kb / 2P
Analog Turns Counting Dial
logo
Raltron Electronics Cor...
RBB-1510-A0-TR RALTRON-RBB-1510-A0-TR Datasheet
353Kb / 4P
HIGH Frequency Multilayer
RBB-1608-AB9-W-TR RALTRON-RBB-1608-AB9-W-TR Datasheet
395Kb / 4P
High Frequency Multilayer
RBB-2012-AE-TR RALTRON-RBB-2012-AE-TR Datasheet
411Kb / 4P
HIGH Frequency Multilayer
RBB-2012-AE9R1U-TR RALTRON-RBB-2012-AE9R1U-TR Datasheet
447Kb / 5P
HIGH Frequency Multilayer
More results

Similar Description - RBBA3000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN732 VISHAY-AN732 Datasheet
75Kb / 7P
Designing A High-Voltage Non-Isolated Buck-Boost Converter with the Si9121DY
04-May-00
SI9121 VISHAY-SI9121 Datasheet
98Kb / 9P
High-Voltage, Non-Isolated Buck-Boost Converter for ISDN Digital Phones
19-Apr-04
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
0.5W Non-Isolated Buck-Boost Converter using the LNK302P
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
Non-isolated Flyback (Buck/Boost) Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
Buck-Boost Converter
logo
Maxic Technology Corpor...
MT7842Y MAXIC-MT7842Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
MT7844Y MAXIC-MT7844Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
MT7845Y MAXIC-MT7845Y Datasheet
155Kb / 1P
Non-isolated APFC Buck-Boost LED Driver
logo
Vishay Siliconix
SI9121 VISHAY-SI9121_V01 Datasheet
154Kb / 10P
High-Voltage, Non-Isolated Buck-Boost Converter
19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com