Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBBA3000 Datasheet(PDF) 2 Page - Recom International Power

Part # RBBA3000
Description  Non-isolated buck/boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBBA3000 Datasheet(HTML) 2 Page - Recom International Power

  RBBA3000 Datasheet HTML 1Page - Recom International Power RBBA3000 Datasheet HTML 2Page - Recom International Power RBBA3000 Datasheet HTML 3Page - Recom International Power RBBA3000 Datasheet HTML 4Page - Recom International Power RBBA3000 Datasheet HTML 5Page - Recom International Power RBBA3000 Datasheet HTML 6Page - Recom International Power RBBA3000 Datasheet HTML 7Page - Recom International Power RBBA3000 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.recom-power.com
REV.: 0/2019
RBB-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, 2.5m/s, nom. Vin, 24Vout and after warm-up unless otherwise stated)
RBBA3000
Series
Parameter
Condition
Min.
Typ.
Max.
Minimum Load
0%
Start-up time
ON/OFF CTRL
Power Up
30ms
30ms
Rise Time
300mV/ms
ON/OFF CTRL (5)
nom. Vin= 48VDC
DC-DC ON
DC-DC OFF
0VDC <V
CTRL<0.8VDC
3.5VDC <V
CTRL<10VDC
Input Current of CTRL Pin
nom. Vin= 48VDC
1mA
Standby Current
nom. Vin= 48VDC
DC-DC OFF
2mA
Current Monitor or Current Share
“Ishare”
reference voltage at no load
reference voltage at full load (50A)
0.2VDC
2.7VDC
Internal Operating Frequency
100kHz
280kHz
400kHz
Output Ripple and Noise (6)
20MHz BW
100mVp-p
Absolute Maximum Capacitive Load
<1 second start up
15000µF
continued on next page
Notes:
Note5: The ON/OFF CTRL is normally OFF
Note6: Measurements are made with a 100µF E-Cap across output (low ESR)
Efficiency vs. Load
0
5
10
15
20
25
30
35
40
45
50
100
80
60
40
90
70
50
30
20
10
0
Output Current [A]
24Vin/48Vout
48Vin/24Vout
60
40
20
50
30
10
0
0
5
10
15
20
25
30
35
40
45
50
Output Current [A]
24Vin/48Vout
48Vin/24Vout
Safe Operating Area
Power Dissipation vs. Output Current
55
50
45
35
30
20
40
25
15
10
5
0
Input Voltage [VDC]
10
20
30
40
50
60
48Vout
24Vout
12Vout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com