Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBBA3000 Datasheet(PDF) 3 Page - Recom International Power

Part # RBBA3000
Description  Non-isolated buck/boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBBA3000 Datasheet(HTML) 3 Page - Recom International Power

  RBBA3000 Datasheet HTML 1Page - Recom International Power RBBA3000 Datasheet HTML 2Page - Recom International Power RBBA3000 Datasheet HTML 3Page - Recom International Power RBBA3000 Datasheet HTML 4Page - Recom International Power RBBA3000 Datasheet HTML 5Page - Recom International Power RBBA3000 Datasheet HTML 6Page - Recom International Power RBBA3000 Datasheet HTML 7Page - Recom International Power RBBA3000 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.recom-power.com
REV.: 0/2019
RBB-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, 2.5m/s, nom. Vin, 24Vout and after warm-up unless otherwise stated)
RBBA3000
Series
The RBBA3000 series offers the feature of trimming the output voltage over a range between 0V and 60V by using precision trim resistors
between the Trim and -Sense pin (1% recommended). Undriven Trim pin will set Vout to 0VDC.
Additionally the Trim pin can be driven from an external voltage source:
REMOTE SENSE
+V
in
-V
in
-Vin
+Vin
Trim
-Sense
+Sense
R
W
-Vout
+Vout
R
Trim
+V
out
-V
out
R
W
... wire losses
R
Trim ... trim resistor
The output voltage can be adjusted via the Trim and -Sense
functions. The maximum output voltage from Trim and -Sense
function combined is 60VDC. The maximum allowed voltage
between +Sense and +Vout pins is 6VDC. Derating may be
required when using trim and/or sense functions.
Vout
max
R
1
R
2
k
V
ref1
V
ref2
60VDC
11k83
W 10k912W
0.058
2.366
2.316
Practical Example RBBA3000-50 (set Vout to 24VDC):
Calculation:
Vout
max
= maximum output voltage [VDC]
Vout
set
= trimmed output voltage
[VDC]
k
= trim up factor
[ ]
V
setU
= set voltage
[VDC]
V
ref1, Vref2
= reference voltage
[VDC]
R
Trim
= trim resistor
[
W]
R
1, R2
= internal resistors
[
W]
R
Trim =
11k83 x 60
- 10k912
= 23k68W
24 - 0.058 x 60
V
setU=
2.366 - 2.316 x
24
= 1.44V
60
R
Trim according to E96 ≈ 23k7W
R
Trim =
R
1 x Voutmax
- R
2
Vout
set + k x Voutmax
V
setU=
V
ref1 - Vref2 x
Vout
set
Vout
max
+V
in
-V
in
-Vin
+Vin
Trim
-Sense
+Sense
-Vout
+Vout
R
Trim
+V
out
-V
out
V
setU
Output Voltage Trimming



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com