Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U336-000-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U336-000-R
Description  USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U336-000-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U336-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U336-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U336-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
speeds)
Windows (XP through 10), Mac
(10.6 through 10.12) or Linux
Kernel (2.6.25 and later)
operating system
q
Package Includes
U336-000-R USB 3.0 to Gigabit
Ethernet NIC Network Adapter,
Black
q
Driver CD
q
Quick Start Guide
q
OVERVIEW
UPC Code
037332174925
INPUT
Bus Powered
Yes
Product Length (in.)
7.5
PHYSICAL
Shipping Dimensions (hwd / in.)
0.90 x 5.20 x 5.20
Shipping Weight (lbs.)
0.14
Unit Packaging Type
Box
Unit Dimensions (hwd / in.)
0.6 x 2.6 x 0.9
Unit Weight (lbs.)
0.06
Unit Weight (kg)
0.03
Material of Construction
ABS, PVC
Color
Black
Cable Jacket Rating
VW-1
ENVIRONMENTAL
Operating Temperature Range
32 to 158 F (0 to 70 C)
Storage Temperature Range
14 to 176 F (-10 to 80 C)
Relative Humidity
10% to 90 % RH, Non-Condensing
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com