Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U336-000-R Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # U336-000-R
Description  USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U336-000-R Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  U336-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U336-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U336-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
BTUs
1.7 BTU/Hr
Power Consumption (Watts)
0.5
COMMUNICATIONS
Network Speed
1Gbps
IEEE Standards Supported
802.3; 802.3ab; 802.3az; 802.3u; 802.3x
CONNECTIONS
Side A - Connector 1
USB 3.0 A (MALE)
Side B - Connector 1
RJ45 (FEMALE)
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
USB Specification
USB 3.0 (up to 5 Gbps); USB 3.1 Gen 1 (up to 5 Gbps)
Driver Required
Yes
Recommended Category Cable
Cat5/5e/6 Cables
Auto MDIX Support
Yes
Full Duplex Support
Yes
Suspend Mode Support
Yes
Remote Wakeup Support
Yes
Technology
Cat5/5e; Cat6; USB 3.0 (SuperSpeed); USB
CERTIFICATIONS
Certifications
Tested to CE, FCC, RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com