Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U336-000-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U336-000-R
Description  USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U336-000-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U336-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U336-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U336-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB 3.0 to Gigabit Ethernet NIC Network Adapter
- 10/100/1000 Mbps, Black
MODEL NUMBER: U336-000-R
USB 3.0 Gigabit Ethernet adapter connects your laptop to a wired Ethernet network for 10/100/1000 Mbps
data transfer speeds.
Features
USB 3.0 to Gigabit Ethernet Adapter Connects You to a Wired 10/100/1000 Mbps NetworkThis USB
3.0 Gigabit Ethernet NIC network adapter instantly connects your computer, laptop, notebook, MacBook,
Ultrabook or Chromebook to a 10/100/1000 Mbps network through a USB port. No internal Ethernet card
is required. Just connect the built-in USB plug to your computer, and use a Cat5e/6 cable (sold
separately) to connect the RJ45 end to a wired Gigabit Ethernet network. This network adapter is ideal for
use in areas where Wi-Fi is unavailable or a wired connection offers faster speeds.
Compliant with State-of-the-Art USB 3.0 SpeedsBecause this Gigabit Ethernet adapter complies with
USB 3.0 (5 Gbps) specifications, you are ensured true 10/100/1000 Mbps network speed without a
compromise in signal quality.
Plug-and-Play Operation Lets You Begin Transferring Data Almost ImmediatelyNo external power is
required. Just connect the adapter to both your computer and an RJ45 Gigabit Ethernet port for network
access without the need to find an AC outlet. The lightweight unit is easy to carry in a pocket, purse,
backpack or laptop bag for instant file transfers where needed. It’s compatible with Windows, Mac and
Linux.
Manufactured to Exacting Standards to Ensure a Full Ethernet ExperienceThis USB 3.0 Gigabit
Ethernet adapter complies with IEEE 802.3 (10Base-T), 802.3u (100Base-TX), 802.3ab and 802.3az
(Energy Efficient Ethernet) standards. It supports full- and half-duplex operations, suspend mode and
remote wakeup via link-up and magic packet. Diagnostic LEDs indicate when you are connected to a
network and when data is being transferred.
Highlights
Connects your laptop to a
Gigabit Ethernet network when
Wi-Fi is unavailable
q
Supports true 10/100/1000
Mbps Ethernet network speeds
for fast downloads
q
USB 3.0 compatibility allows
large data transfers with no
compromise in signal quality
q
Diagnostic LEDs indicate when
you are connected to a network
and when data is being
transferred.
q
Plug-and-play operation allows
you to set it up and begin using
it immediately
q
Small enough to carry in a
pocket or purse for fast file
transfers anywhere
q
Applications
Connect to a wired Gigabit
Ethernet network in an office,
trade show booth, lecture hall,
classroom, hotel lobby or
auditorium
q
Extend the life of a legacy laptop
or notebook computer with a
failed internal Ethernet card
q
Play network gaming consoles
in areas without Wi-Fi capability
q
System Requirements
IBM-compatible Pentium 233
MHz or faster PC or Mac
q
64 MB RAM or more
q
USB-A port (USB 3.0 port
required to achieve USB 3.0
q
1 / 3


Similar Part No. - U336-000-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U336-000-GB-AL TRIPPLITE-U336-000-GB-AL Datasheet
164Kb / 4P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10/100/1000, Plug and Play, Aluminum
U336-000-GB-CA TRIPPLITE-U336-000-GB-CA Datasheet
171Kb / 3P
USB-C, USB-A to RJ45 Gigabit Ethernet Network Adapter (2xM/F), USB 3.2 Gen 1, Black
U336-000-GBW TRIPPLITE-U336-000-GBW Datasheet
163Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, White
More results

Similar Description - U336-000-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U236000GBW TRIPPLITE-U236000GBW Datasheet
477Kb / 2P
USB 2.0 Hi-Speed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
U236000R TRIPPLITE-U236000R Datasheet
493Kb / 2P
USB 2.0 Hi-Speed to Ethernet NIC Network Adapter,10-100 Mbps
U336000GBW TRIPPLITE-U336000GBW Datasheet
477Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
U336000R TRIPPLITE-U336000R Datasheet
483Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps
U436-06N-G-C TRIPPLITE-U436-06N-G-C Datasheet
497Kb / 2P
USB 3.1 Gen 1 USB-C to Gigabit Ethernet NIC Network Adapter with USB-C Charging Port, 10/100/1000 Mbps, White
U336-000-GB-AL TRIPPLITE-U336-000-GB-AL Datasheet
164Kb / 4P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10/100/1000, Plug and Play, Aluminum
U336-000-GBW TRIPPLITE-U336-000-GBW Datasheet
163Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, White
U336-U03-GB TRIPPLITE-U336-U03-GB Datasheet
166Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U236-000-GBW TRIPPLITE-U236-000-GBW Datasheet
161Kb / 3P
USB 2.0 to Gigabit Ethernet NIC Network Adapter, 10/100/1000 Mbps, White
U236-000-R TRIPPLITE-U236-000-R Datasheet
165Kb / 3P
USB 2.0 Ethernet NIC Adapter, 10/100 Mbps - Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com