Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2964458 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2964458
Description  Relay Module - EMG 10-REL/KSR-120/21-LC AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2964458 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2964458 Datasheet HTML 1Page - PHOENIX CONTACT 2964458 Datasheet HTML 2Page - PHOENIX CONTACT 2964458 Datasheet HTML 3Page - PHOENIX CONTACT 2964458 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/2964458
10/29/2014   Page 3 / 4
Relay Module - EMG 10-REL/KSR-120/21-LC AU - 2964458
Technical data
Connection data
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil max
12
Conductor cross section AWG/kcmil min.
24
Screw thread
M3
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC000196
ETIM 3.0
EC000196
ETIM 4.0
EC000196
ETIM 5.0
EC000196
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121515
UNSPSC 11
39121515
UNSPSC 12.01
39121515
UNSPSC 13.2
39121515
Drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com