Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2964458 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2964458
Description  Relay Module - EMG 10-REL/KSR-120/21-LC AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2964458 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2964458 Datasheet HTML 1Page - PHOENIX CONTACT 2964458 Datasheet HTML 2Page - PHOENIX CONTACT 2964458 Datasheet HTML 3Page - PHOENIX CONTACT 2964458 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2964458
10/29/2014   Page 2 / 4
Relay Module - EMG 10-REL/KSR-120/21-LC AU - 2964458
Technical data
Coil side
Nominal input voltage UN
120 V AC/DC
Input voltage range in reference to UN
0.8 ... 1.1
Typical input current at UN
5 mA
Typical response time
7 ms
Typical release time
11 ms
Operating voltage display
Yellow LED
Protective circuit
Bridge rectifier Bridge rectifier
Surge protection Varistor
Contact side
Contact type
Double contact, 1 PDT
Contact material
AgPd60, hard gold-plated
Maximum switching voltage
30 V AC
36 V DC
Maximum inrush current
0.2 A
Limiting continuous current
0.5 A
Interrupting rating (ohmic load) max.
5 W (at 24 V DC)
Note
the following values are applicable if a gold layer is destroyed
Maximum switching voltage
125 V AC
Limiting continuous current
2 A
Maximum inrush current
2 A
Interrupting rating (ohmic load) max.
29 W (at 24 V DC)
29 W (at 48 V DC)
29 W (at 60 V DC)
60 VA (for 250 V AC)
General
Test voltage relay winding/relay contact
4 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Mechanical service life
Approx. 2 x 107 cycles
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage / insulation
Basic insulation
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com