Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2964458 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2964458
Description  Relay Module - EMG 10-REL/KSR-120/21-LC AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2964458 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2964458 Datasheet HTML 1Page - PHOENIX CONTACT 2964458 Datasheet HTML 2Page - PHOENIX CONTACT 2964458 Datasheet HTML 3Page - PHOENIX CONTACT 2964458 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2964458
10/29/2014   Page 1 / 4
Relay Module - EMG 10-REL/KSR-120/21-LC AU - 2964458
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay module, with soldered-in miniature switching relay, gold contact for small loads, 1 PDT, input voltage 120 V
AC/DC
The figure shows the EMG 10-REL/
KSR-G 24/21-LC variant
Product Features
 Safe isolation according to DIN EN 50178 between coil and contact
 Integrated input circuit and interference suppression circuit
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
43.13 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
10.6 mm
Height
75 mm
Depth
62.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 40 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C


Similar Part No. - 2964458

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2964403 PHOENIX-2964403 Datasheet
62Kb / 4P
Relay Module - EMG 10-REL/KSR-230/ 1-LC
2964416 PHOENIX-2964416 Datasheet
60Kb / 4P
Relay Module - EMG 10-REL/KSR-230/ 1-LC AU
2964432 PHOENIX-2964432 Datasheet
280Kb / 5P
Relay Module - EMG 10-REL/KSR-120/ 1-LC
2964445 PHOENIX-2964445 Datasheet
71Kb / 5P
Relay Module - EMG 10-REL/KSR-120/21-LC
2964461 PHOENIX-2964461 Datasheet
140Kb / 6P
EMG 10-REL/KSR-120/ 1-LC AU
More results

Similar Description - 2964458

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940090 PHOENIX-2940090 Datasheet
73Kb / 4P
Relay Module - EMG 10-REL/KSR-G 24/21-LC AU
2941439 PHOENIX-2941439 Datasheet
73Kb / 5P
Relay Module - EMG 17-REL/KSR- 24/21-21-LC AU
2941455 PHOENIX-2941455 Datasheet
125Kb / 5P
EMG 17-REL/KSR-120/21-21-LC AU
2963019 PHOENIX-2963019 Datasheet
65Kb / 4P
Relay Module - EMG 10-REL/KSR-G 48/21-LC
2964225 PHOENIX-2964225 Datasheet
59Kb / 4P
Relay Module - EMG 10-REL/KSR-G 48/21-LC AU
2964445 PHOENIX-2964445 Datasheet
71Kb / 5P
Relay Module - EMG 10-REL/KSR-120/21-LC
2964762 PHOENIX-2964762 Datasheet
59Kb / 4P
Relay Module - EMG 10-REL/KSR- 48/21-LC AU
2964380 PHOENIX-2964380 Datasheet
266Kb / 5P
Relay Module - EMG 10-REL/KSR-230/21-LC
2964432 PHOENIX-2964432 Datasheet
280Kb / 5P
Relay Module - EMG 10-REL/KSR-120/ 1-LC
2956026 PHOENIX-2956026 Datasheet
480Kb / 3P
Relay Module - EMG 17-REL/KSR-120/21
10/27/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com