Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA201 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTA201
Description  Bias Resistor Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA201 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTA201 Datasheet HTML 1Page - First Silicon Co., Ltd DTA201 Datasheet HTML 2Page - First Silicon Co., Ltd DTA201 Datasheet HTML 3Page - First Silicon Co., Ltd DTA201 Datasheet HTML 4Page - First Silicon Co., Ltd DTA201 Datasheet HTML 5Page - First Silicon Co., Ltd DTA201 Datasheet HTML 6Page - First Silicon Co., Ltd DTA201 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SOT-23
package which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SOT-23 package can be soldered using wave or reflow. The
modified gull-winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
• Available in 8 mm embossed tape and reel. Use the Device Number
to order the 7 inch/3000 unit reel. Replace “T1” with “T3” in the
Device Number to order the 13 inch/10,000 unit reel.
MAXIMUM RATINGS (T
A = 25 C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
I C
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25 C
Derate above 25 C
P D
246 (Note 1.)
400 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
mW
C/W
Thermal Resistance –
Junction-to-Ambient
RθJA
508 (Note 1.)
311 (Note 2.)
C/W
Thermal Resistance –
Junction-to-Lead
RθJL
174 (Note 1.)
208 (Note 2.)
C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
SOT-23
• We declare that the material of product compliance with RoHS requirements.
Bias Resistor Transistors
2007. 12. 18
1/7
SEMICONDUCTOR
TECHNICAL DATA
DTA201 ~ DTA214 /
DTA217 / DTA223
Revision No : 0
1
3
2


Similar Part No. - DTA201

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
DTA205 FS-DTA205 Datasheet
272Kb / 4P
Bias Resistor Transistors
DTA205LT1G FS-DTA205LT1G Datasheet
272Kb / 4P
Bias Resistor Transistors
More results

Similar Description - DTA201

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
Bias Resistor Transistors
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
Bias Resistor Transistors
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LMUN2112LT1G LRC-LMUN2112LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
LMUN2116LT1G LRC-LMUN2116LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com