Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA201 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTA201
Description  Bias Resistor Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA201 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTA201 Datasheet HTML 1Page - First Silicon Co., Ltd DTA201 Datasheet HTML 2Page - First Silicon Co., Ltd DTA201 Datasheet HTML 3Page - First Silicon Co., Ltd DTA201 Datasheet HTML 4Page - First Silicon Co., Ltd DTA201 Datasheet HTML 5Page - First Silicon Co., Ltd DTA201 Datasheet HTML 6Page - First Silicon Co., Ltd DTA201 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ODERING INFORMATION (DEVICE MARKING AND RESISTOR VALUES)
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
0.5
0.1
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10µA, IE = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 4.)
(IC = 2.0 mA, I = 0)
V(BR)CEO
50
-
-
Vdc
3. New devices. Updated curves to follow in subsequent data sheets.
4. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
Package
R1 (K)
R2 (K)
Shipping
Device
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
2007. 12. 18
2/7
DTA201 ~ DTA214 / DTA217 / DTA223
Revision No : 0
DTA202T1G
DTA202T3G
A6A
10
10
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA203T1G
DTA203T3G
A6B
22
22
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA204T1G
DTA204T3G
A6C
47
47
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA206T1G
DTA206T3G
A6K
4.7
47
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA210T1G (Note 3.)
DTA210T3G
A6F
4.7
∞
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA211T1G (Note 3.)
DTA211T3G
A6E
10
∞
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA214T1G (Note 3.)
DTA214T3G
A6O
47
∞
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA217T1G (Note 3.)
DTA217T3G
A6H
2.2
2.2
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA223T1G (Note 3.)
DTA223T3G
A6G
1.0
1.0
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
DTA201T1G
DTA201T3G
SOT-23
3000/Tape & Reel
10,000/Tape & Reel
A6J
4.7
4.7
DTA207T1G (Note 3.)
DTA207T3G
A6D
10
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
47
DTA208T1G (Note 3.)
DTA208T3G
A6L
22
3000/Tape & Reel
10,000/Tape & Reel
SOT-23
47
Marking
DTA202
DTA203
DTA204
DTA206
DTA210
DTA211
DTA214
DTA217
DTA223
DTA201
DTA207
DTA208
Min
Unit
Typ
Max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com