Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA201 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DTA201
Description  Bias Resistor Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA201 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DTA201 Datasheet HTML 1Page - First Silicon Co., Ltd DTA201 Datasheet HTML 2Page - First Silicon Co., Ltd DTA201 Datasheet HTML 3Page - First Silicon Co., Ltd DTA201 Datasheet HTML 4Page - First Silicon Co., Ltd DTA201 Datasheet HTML 5Page - First Silicon Co., Ltd DTA201 Datasheet HTML 6Page - First Silicon Co., Ltd DTA201 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
DC Current Gain
(VCE= 10 V, IC = 5.0 mA)
hFE
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
-
-
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB =2.5 V, RL = 1.0 kΩ)
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
VOH
4.9
Vdc
Input Resistor
R1
7.0
10
13
15.4
22
28.6
32.9
47
61.1
32.9
47
61.1
7.0
10
13
7.0
10
13
3.3
4.7
6.1
0.7
1.0
1.3
1.5
2.2
2.9
3.3
4.7
6.1
3.3
4.7
6.1
15.4
22
28.6
kΩ
DTA202 / DTA203 / DTA204
DTA207
DTA210 / DTA211 / DTA214
DTA201 / DTA217 / DTA223
DTA206
R1/R2
0.8
0.17
-
1.0
0.21
-
1.2
0.25
-
0.8
1.0
1.2
0.055
0.1
0.185
5. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
ON CHARACTERISTICS (Note 5.)
0.2
80
140
–
35
60
–
60
100
–
80
140
–
80
140
–
160
250
–
160
250
–
3.0
5.0
–
8.0
15
–
15
27
–
80
140
–
80
130
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
-
-
-
-
2007. 12. 18
3/7
DTA201 ~ DTA214 / DTA217 / DTA223
Revision No : 0
Min
Unit
Typ
Max
DTA202
DTA203
DTA204
DTA206
DTA210
DTA211
DTA214
DTA217
DTA223
DTA201
DTA207
DTA208
DTA201 / DTA206 /
DTA217 / DTA223
DTA208 / DTA210 / DTA211
DTA202
DTA203
DTA204
DTA206
DTA210
DTA211
DTA214
DTA217
DTA223
DTA201
DTA207
DTA208
DTA210
DTA211
DTA217
DTA223
DTA201
DTA202
DTA203
DTA204
DTA206
DTA210
DTA211
DTA214
DTA217
DTA223
DTA201
DTA207
DTA208
Resistor Ratio
(IC = 10 mA, IB = 5 mA)
(IC = 10 mA, IB = 1 mA)
(VCC = 5.0 V, VB =3.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB =0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB =0.25 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB =0.050 V, RL = 1.0 kΩ)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com