Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW01C Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # DW01C
Description  The DW01C Lithium-ion/Polymer Battery protection IC is designed to protect lithium-ion/polymer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DW01C Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  DW01C Datasheet HTML 1Page - First Silicon Co., Ltd DW01C Datasheet HTML 2Page - First Silicon Co., Ltd DW01C Datasheet HTML 3Page - First Silicon Co., Ltd DW01C Datasheet HTML 4Page - First Silicon Co., Ltd DW01C Datasheet HTML 5Page - First Silicon Co., Ltd DW01C Datasheet HTML 6Page - First Silicon Co., Ltd DW01C Datasheet HTML 7Page - First Silicon Co., Ltd DW01C Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2016. 03. 26
5/8
DW01C
Revision No : 0
status longer than either
TOI1 or TOI2, the DW01C will turn off the discharging MOSFET (M1) and enter to overcurrent/short circuit
status.
7. Release from overcurrent / short circuit status
Under the overcurrent / short-circuit status, the DW01C will turn on the discharging MOSFET (M1) and restore to normal
operation status when the CS pin voltage is less than VOI1 and either the load has been removed or the impedance between
BATT + and BATT- is >500KΩ.
Note: When the battery is installed to the protection circuit for the first time, the circuit may not enter into normal operation status, which causing the
battery not able to discharge. When this phenomenon happens, simply short the CS to GND, the circuit will be back to normal.
Timing Diagram
Overcharge status → Load Discharging → Normal Operation status



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com