Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW01C Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DW01C
Description  The DW01C Lithium-ion/Polymer Battery protection IC is designed to protect lithium-ion/polymer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DW01C Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DW01C Datasheet HTML 1Page - First Silicon Co., Ltd DW01C Datasheet HTML 2Page - First Silicon Co., Ltd DW01C Datasheet HTML 3Page - First Silicon Co., Ltd DW01C Datasheet HTML 4Page - First Silicon Co., Ltd DW01C Datasheet HTML 5Page - First Silicon Co., Ltd DW01C Datasheet HTML 6Page - First Silicon Co., Ltd DW01C Datasheet HTML 7Page - First Silicon Co., Ltd DW01C Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2016. 03. 26
3/8
DW01C
Revision No : 0
Absolute Maximum Rating
(GND=0V, Ta=25°C unless otherwise specified)
Electrical Characteristics
(Ta=25°C unless otherwise specified)
Parameter
Symbol
Testing Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
---
1.5
---
9.0
V
Supply Current
ICC
VCC =3.5V
2.0
6.0
μ
A
Overcharge Protection Voltage
VOCP
---
4.25
4.30
4.35
V
Overcharge Release Voltage
VOCR
---
4.05
4.10
4.15
V
Over-discharge Protection Voltage
VODP
---
2.30
2.40
2.50
V
Over-discharge Release Voltage
VODR
---
2.90
3.00
3.10
V
Over current Protection Voltage
VOI1
---
0.12
0.15
0.18
V
Short circuit Protection Voltage
VOI2
VCC =3.6V
0.80
1.30
1.75
V
Over current Reset Resistance
RSHORT
VCC =3.6V
50
100
150
㏀
Charger Detection Threshold Voltage
VCH
---
-0.8
-0.5
-0.2
V
Overcharge Delay Time
TOC
VDD=3.6V~4.4V
---
80
200
mS
Over-discharge Delay Time
TOD
VDD=3.6V~2.0V
---
40
120
mS
Overcurrent Delay Time (1)
TOI1
VCC =3.6V
5
10
20
mS
Overcurrent Delay Time (2
TOI2
VCC =3.6V
---
50
120
mS
OD Pin Output “H” Voltage
VOH1
---
VCC-0.1 VCC-0.02
V
OD Pin Output “L” Voltage
VOL
---
0.1
0.5
V
OC Pin Output “H” Voltage
VOH2
---
VCC-0.1 VCC-0.02
V
OC Pin Output “L” Voltage
VOL2
---
0.1
0.5
V
Parameter
Symbol
Rating
Unit
V
y
l
p
p
u
s
r
e
w
o
P
DD
-0.3~10
V
V
e
g
a
tl
o
v
t
u
p
n
I
n
i
p
M
V
M
VDD-28 to VDD +0.3
V
V
e
g
a
tl
o
v
n
i
p
t
u
p
t
u
o
C
O
CO
VDD-28 to VDD+0.3
V
V
e
g
a
tl
o
v
n
i
p
t
u
p
t
u
o
D
O
DO
VDD-0.3 to VDD+0.3
V
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
625
mW
T
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
opr
-40 to +85
℃
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to +125
℃
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
J
150
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com