Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW01C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DW01C
Description  The DW01C Lithium-ion/Polymer Battery protection IC is designed to protect lithium-ion/polymer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DW01C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DW01C Datasheet HTML 1Page - First Silicon Co., Ltd DW01C Datasheet HTML 2Page - First Silicon Co., Ltd DW01C Datasheet HTML 3Page - First Silicon Co., Ltd DW01C Datasheet HTML 4Page - First Silicon Co., Ltd DW01C Datasheet HTML 5Page - First Silicon Co., Ltd DW01C Datasheet HTML 6Page - First Silicon Co., Ltd DW01C Datasheet HTML 7Page - First Silicon Co., Ltd DW01C Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016. 03. 26
1/8
SEMICONDUCTOR
TECHNI CA L DATA
DW01C
Revision No : 3
General Description
The DW01C Lithium-ion/Polymer Battery protection IC is designed to protect lithium-ion/polymer
battery from damage or degrading the lifetime due to over-charge, over-discharge, and/or overcurrent
for one-cell lithium-ion/polymer battery powered systems, such as cellular phones.
The ultra-small package and less required external components make it ideal to integrate the DW01C
into the limited space of battery pack. The accurate ±50mV overcharging detection voltage ensures
safe and full utilization charging. The very low standby current drains little current from the cell while
in storage.
Features
� Reduction in Board Size due to Miniature Package SOT-23-6.
� Ultra-Low Quiescent Current at 2μA (Vcc=3.5V).
� Precision Overcharge Protection Voltage (4.30V ± 50mV)
� Over-discharge Protection voltage between (2.40V ± 100mV)
� Over-current Protection voltage between (0.15V ± 30mV)
� Load Detection Function during Overcharge Mode.
� Two Detection Levels for Overcurrent Protection.
� -40°C to +85°C operating temperature range
Applications
Protection to One-Cell Lithium-Ion /Lithium-Polymer Battery Pack
Pin Configuration
Pin Name
Pin Number
Pin Function
DO
1
Discharge control output terminal
VM
2
Charge/discharge current detection input
CO
3
Charge control output terminal
NC
4
Not connected
VDD
5
Power input
VSS
6
Power ground terminal
1
3
2
4
5
6


Similar Part No. - DW01C

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
DW01C FOSHAN-DW01C Datasheet
1Mb / 12P
Battery Protection IC in a SOT23-6 Plastic Package
logo
Fortune Semiconductor C...
DW01C-G FORTUNE-DW01C-G Datasheet
876Kb / 19P
One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - DW01C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_15 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_15 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_17 Datasheet
260Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_17 Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q01 KEXIN-KP00Q01 Datasheet
511Kb / 8P
Lithium-ion/Polymer Battery Protection IC
KP00Q02 KEXIN-KP00Q02 Datasheet
658Kb / 8P
Lithium-ion/Polymer Battery Protection IC
logo
First Silicon Co., Ltd
DW01B FS-DW01B Datasheet
927Kb / 8P
The DW01B Lithium-ion/Polymer Battery protection IC is designed to protect lithium-ion/polymer
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
2 lithium ion/lithium polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com