Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8705AF Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 66Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 67Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 68Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 69Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 70Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 71Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 72Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 73Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
56
IT8705F
8.9.12
Simple I/O Set 1, 2, 3, 4, 5 and 6 Enable Registers (Index=C0h, C1h, C2h, C3h,C4h and C5h,
Default=00h)
These registers are used to select the functions of either the Simple I/O or the Alternate function.
Bit
Description
7-0
Simple GPIO Enable
For each bit:
1: Select the Simple I/O function.
0: Select the Alternate function.
8.9.13
Simple I/O Set 1, 2, 3, 4, 5 and 6 Output Enable Registers (Index=C8h,C9h,CAh,CBh,CCh and
CDh, Default=00h)
These registers are used to determine the direction of the Simple I/O.
Bit
Description
7-0
GPIO Output Enable
For each bit:
0: The direction of the Simple I/O is input mode.
1: The direction of the Simple I/O is output mode.
8.9.14
Panel Button De-bounce Control Register (Index=D0h, Default=00h)
Bit
Description
7-5
Reserved
4
IRQ Sharing
0: Disabled.
1: Enabled.
3
IRQ Output Type
0: Edge.
1: Level.
2
IRQ Output Enable
0: Disabled.
1: Enabled.
1-0
De-bounce Time Selection
00: 8 ms (6 ms ignored, 8 ms passed)
01: 16 ms (12 ms ignored, 16 ms passed)
10: 32 ms (24 ms ignored, 21 ms passed)
11: 64 ms (48 ms ignored, 64 ms passed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com