Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8705AF Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 10Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 11Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 12Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 185 page
background image
v
Contents
9.5.3.2.43
FAN_CTL3-1 SmartGuardian Automatic Mode Temperature Limit of
Full Speed Registers (Index=72h, 6Ah, 62h, Default=7Fh) ............. 87
9.5.3.2.44
FAN_CTL3-1 SmartGuardian Automatic Mode Start PWM Registers
(Index=73h, 6Bh, 63h, Default=00h) ................................................ 87
9.5.3.2.45
FAN_CTL3-1 SmartGuardian Automatic Mode Control Registers
(Index=74h, 6Ch, 64h, Default=00h) ................................................ 88
9.5.4
Operation .............................................................................................................................. 88
9.5.4.1
Power On RESET and Software RESET ........................................................... 88
9.5.4.2
Starting Conversion ............................................................................................ 88
9.5.4.3
Voltage and Temperature Inputs ........................................................................ 89
9.5.4.4
Layout and Grounding ........................................................................................ 90
9.5.4.5
Fan Tachometer ................................................................................................. 90
9.5.4.6
Interrupt of the EC .............................................................................................. 90
9.5.4.7
FAN Controller FAN_CTL’s ON-OFF and SmartGuardian Modes..................... 91
9.6
Floppy Disk Controller (FDC)......................................................................................................... 93
9.6.1
Introduction ........................................................................................................................... 93
9.6.2
Reset..................................................................................................................................... 93
9.6.3
Hardware Reset (LRESET# Pin) .......................................................................................... 93
9.6.4
Software Reset (DOR Reset and DSR Reset) ..................................................................... 93
9.6.5
Digital Data Separator ..........................................................................................................93
9.6.6
Write Precompensation ........................................................................................................ 93
9.6.7
Data Rate Selection.............................................................................................................. 94
9.6.8
Status, Data and Control Registers ...................................................................................... 94
9.6.8.1
Digital Output Register (DOR, FDC Base Address + 02h)................................. 94
9.6.8.2
Tape Drive Register (TDR, FDC Base Address + 03h)...................................... 94
9.6.8.3
Main Status Register (MSR, FDC Base Address + 04h).................................... 95
9.6.8.4
Data Rate Select Register (DSR, FDC Base Address + 04h)............................ 95
9.6.8.5
Data Register (FIFO, FDC Base Address + 05h) ............................................... 97
9.6.8.6
Digital Input Register (DIR, FDC Base Address + 07h) ..................................... 97
9.6.8.7
Diskette Control Register (DCR, FDC Base Address + 07h) ............................. 97
9.6.9
Controller Phases ................................................................................................................. 97
9.6.9.1
Command Phase ................................................................................................ 98
9.6.9.2
Execution Phase................................................................................................. 98
9.6.9.3
Result Phase ...................................................................................................... 98
9.6.9.4
Result Phase Status Registers........................................................................... 98
9.6.10 Command Set
........................................................................................................ 101
9.6.11 Data Transfer Commands .................................................................................................. 111
9.6.11.1
READ DATA ..................................................................................................... 111
9.6.11.2
READ DELETED DATA ................................................................................... 111
9.6.11.3
READ A TRACK ............................................................................................... 112
9.6.11.4
WRITE DATA.................................................................................................... 112
9.6.11.5
WRITE DELETED DATA.................................................................................. 112
9.6.11.6
FORMAT A TRACK .......................................................................................... 112
9.6.11.7
SCAN
........................................................................................................ 113
9.6.11.8
VERIFY
........................................................................................................ 114
9.6.12 Control Commands
........................................................................................................ 115
9.6.12.1
READ ID
........................................................................................................ 115
9.6.12.2
CONFIGURE .................................................................................................... 115
9.6.12.3
RE-CALIBRATE ............................................................................................... 115
9.6.12.4
SEEK
........................................................................................................ 116
9.6.12.5
RELATIVE SEEK.............................................................................................. 116
9.6.12.6
DUMPREG ....................................................................................................... 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com