Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8705AF Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 81Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 82Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 83Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 84Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 85Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 86Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 87Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 88Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
71
Functional Description
9. Functional Description
9.1
LPC Interface
The IT8705F supports the peripheral site of the LPC I/F as described in the LPC Interface Specification
Rev.1.0 (Sept. 29,1997). In addition to the required signals (LAD3-0, LFRAME#, LRESET#, LCLK (PCICLK)),
the IT8705F also supports LDRQ#, SERIRQ and PME#.
9.1.1
LPC Transactions
The IT8705F supports some parts of the cycle types described in the LPC I/F specification. Memory read and
Memory write cycles are used for the Flash I/F. I/O read and I/O write cycles are used for the programmed I/O
cycles. DMA read and DMA write cycles are used for DMA cycles. All of these cycles are characteristic of the
single byte transfer.
For LPC host I/O read or write transactions, the Super I/O module processes a positive decoding, and the
LPC interface can respond to the result of the current transaction by sending out SYNC values on LAD[3:0]
signals or leave LAD[3:0] tri-state depending on its result.
For DMA read or write transactions, the LPC interface will make reactions according to the DMA requests
from the DMA devices in the Super I/O modules, and decides whether to ignore the current transaction or not.
The FDC and ECP are 8-bit DMA devices, so if the LPC host initializes a DMA transaction with data size of
16/32 bits, the LPC interface will process the first 8-bit data and response with a SYNC ready (0000b) which
will terminate the DMA burst. The LPC interface will then re-issue another LDRQ# message to assert DREQn
after finishing the current DMA transaction.
9.1.2
LDRQ# Encoding
The Super I/O module provides two DMA devices: the FDC and the ECP. The LPC Interface provides LDRQ#
encoding to reflect the DREQ[3:0] status. Two LDRQ# messages or different DMA channels may be issued
back-to-back to track DMA requests rapidly. But, four PCI clocks will be inserted between two LDRQ#
messages of the same DMA channel to guarantee that there is at least 10 PCI clocks for one DMA request to
change its status. (The LPC host will decode these LDRQ# messages, and sends those decoded DREQn to
the legacy DMA controller which runs at 4 MHz or 33/8 MHz).
9.2
Serialized IRQ
The IT8705F conforms to the specification of Serialized IRQ Support for PCI System, Rev. 6.0, September 1,
1995, to support the serialized IRQ feature, and is able to interface with most PC chipsets. The IT8705F
encodes the parallel interrupts to an SERIRQ which will be decoded by the chipset with built-in Interrupt
Controllers (two 8259 compatible modules).
9.2.1
Continuous Mode
When in the continuous mode, the SIRQ host initiates the Start frame of each SERIRQ sequence after
sending out the Stop frame by itself. (The next Start frame may or may not begin immediately after the Turn-
around State of current Stop frame.) The SERIRQ is always activated and SIRQ host keeps polling all the
IRQn and system events, even though no IRQn status is changed. The SERIRQ enter the continuous mode
following a system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com