Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0852012 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0852012
Description  Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0852012 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0852012 Datasheet HTML 1Page - PHOENIX CONTACT 0852012 Datasheet HTML 2Page - PHOENIX CONTACT 0852012 Datasheet HTML 3Page - PHOENIX CONTACT 0852012 Datasheet HTML 4Page - PHOENIX CONTACT 0852012 Datasheet HTML 5Page - PHOENIX CONTACT 0852012 Datasheet HTML 6Page - PHOENIX CONTACT 0852012 Datasheet HTML 7Page - PHOENIX CONTACT 0852012 Datasheet HTML 8Page - PHOENIX CONTACT 0852012 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
https://www.phoenixcontact.com/us/products/0852012
18.11.2013   Page 3 / 12
Feed-through terminal block - VBST 4-FS(6-2,8-0,8) - 0852012
Technical data
Connection data
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
1.5 mm²
Value
1.5 mm²
Cross section with insertion bridge, solid max.
2.5 mm²
Cross section with insertion bridge, stranded max.
2.5 mm²
Connection method
Slip-on connection
Classifications
eCl@ss
eCl@ss 4.0
27141120
eCl@ss 4.1
27141120
eCl@ss 5.0
27141120
eCl@ss 5.1
27141120
eCl@ss 6.0
27141120
eCl@ss 7.0
27141120
eCl@ss 8.0
27141120
ETIM
ETIM 2.0
EC000897
ETIM 3.0
EC000897
ETIM 4.0
EC000897
ETIM 5.0
EC000897
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals
Approvals
GOST / GOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com