Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0852012 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0852012
Description  Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0852012 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0852012 Datasheet HTML 1Page - PHOENIX CONTACT 0852012 Datasheet HTML 2Page - PHOENIX CONTACT 0852012 Datasheet HTML 3Page - PHOENIX CONTACT 0852012 Datasheet HTML 4Page - PHOENIX CONTACT 0852012 Datasheet HTML 5Page - PHOENIX CONTACT 0852012 Datasheet HTML 6Page - PHOENIX CONTACT 0852012 Datasheet HTML 7Page - PHOENIX CONTACT 0852012 Datasheet HTML 8Page - PHOENIX CONTACT 0852012 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
https://www.phoenixcontact.com/us/products/0852012
18.11.2013   Page 2 / 12
Feed-through terminal block - VBST 4-FS(6-2,8-0,8) - 0852012
Technical data
Dimensions
Width
6.2 mm
Length
72 mm
Height NS 35/7,5
39.5 mm
Height NS 35/15
47 mm
End cover width
2.2 mm
Connection data
Connection method
Screw connection
Stripping length
8 mm
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Value
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 4 mm²
Value
4 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Value
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Value
2.5 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
Value
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
Value
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
Value
0.5 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com