Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0852012 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0852012
Description  Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0852012 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0852012 Datasheet HTML 1Page - PHOENIX CONTACT 0852012 Datasheet HTML 2Page - PHOENIX CONTACT 0852012 Datasheet HTML 3Page - PHOENIX CONTACT 0852012 Datasheet HTML 4Page - PHOENIX CONTACT 0852012 Datasheet HTML 5Page - PHOENIX CONTACT 0852012 Datasheet HTML 6Page - PHOENIX CONTACT 0852012 Datasheet HTML 7Page - PHOENIX CONTACT 0852012 Datasheet HTML 8Page - PHOENIX CONTACT 0852012 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/us/products/0852012
18.11.2013   Page 1 / 12
Feed-through terminal block - VBST 4-FS(6-2,8-0,8) - 0852012
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection type: Screw connection, Slip-on connection, Cross section: 0.2 mm² - 4
mm², AWG :24- 14, Width: 6.2 mm, Color: gray, Mounting: NS 35/7,5, NS 35/15
Key commercial data
Packing unit
1 1
GTIN
Weight per Piece (excluding packing)
9.43 GRM
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
4
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V2
Maximum load current
32 A (with 4 mm² conductor cross section)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Nominal current IN
24 A
Nominal voltage UN
800 V
Open side panel
ja


Similar Part No. - 0852012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08520123 MOLEX-08520123 Datasheet
84Kb / 4P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 30-22 AWG
Jun 05, 2025
08520124 MOLEX-08520124 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08520125 MOLEX-08520125 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
More results

Similar Description - 0852012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0270018 PHOENIX-0270018 Datasheet
87Kb / 7P
Feed-through terminal block - USK 4-FSR(4-2,8-0,8)
0271017 PHOENIX-0271017 Datasheet
147Kb / 11P
Feed-through terminal block - USK 4-FS/FS(8-2,8-0,8)
1954016 PHOENIX-1954016 Datasheet
128Kb / 6P
UVKB 4-FS(6-2,8-0,8)
1960026 PHOENIX-1960026 Datasheet
134Kb / 12P
Feed-through terminal block - UKB 4-FS(2-2,8-0,8)
2017208 PHOENIX-2017208 Datasheet
50Kb / 3P
Feed-through terminal block - UHK 4-LOER/FS(10-2,8-0,8)
3019014 PHOENIX-3019014 Datasheet
206Kb / 19P
Feed-through terminal block - UK 4-FSR(2-2,8-0,8)
3070435 PHOENIX-3070435 Datasheet
76Kb / 6P
Feed-through terminal block - VBSTB 4-FS (6-2,8-0,8)
0750017 PHOENIX-0750017 Datasheet
151Kb / 8P
Panel feed-through terminal block - DFK-2,8/FSI(2-2,8-0,8)
0851013 PHOENIX-0851013 Datasheet
159Kb / 13P
Feed-through terminal block - VBST 4-FS/FS(8-2,8-0,8)
09/12/2020
0852067 PHOENIX-0852067 Datasheet
178Kb / 15P
Feed-through terminal block - VBST 4-FS(6-2,8-0,8)ST4
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com