Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0870036 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0870036
Description  Feed-through terminal block - PVB 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0870036 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0870036 Datasheet HTML 1Page - PHOENIX CONTACT 0870036 Datasheet HTML 2Page - PHOENIX CONTACT 0870036 Datasheet HTML 3Page - PHOENIX CONTACT 0870036 Datasheet HTML 4Page - PHOENIX CONTACT 0870036 Datasheet HTML 5Page - PHOENIX CONTACT 0870036 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/products/0870036
18.11.2013   Page 4 / 6
Feed-through terminal block - PVB 3 - 0870036
Accessories
Marker for terminal blocks - UCT-TM 6 CUS - 0829602
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into tall marker groove, For terminal block width: 6.2 mm, Lettering field: 5.6 x 10.5 mm
 
 
Mounting rail
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length:
2000 mm
 
 
DIN rail - NS 35/ 7,5 UNPERF 2000MM - 0801681
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 
DIN rail - NS 35/ 7,5 WH PERF 2000MM - 1204119
DIN rail 35 mm (NS 35)
 
 
DIN rail - NS 35/ 7,5 WH UNPERF 2000MM - 1204122
DIN rail 35 mm (NS 35)
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com