Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0870036 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0870036
Description  Feed-through terminal block - PVB 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0870036 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0870036 Datasheet HTML 1Page - PHOENIX CONTACT 0870036 Datasheet HTML 2Page - PHOENIX CONTACT 0870036 Datasheet HTML 3Page - PHOENIX CONTACT 0870036 Datasheet HTML 4Page - PHOENIX CONTACT 0870036 Datasheet HTML 5Page - PHOENIX CONTACT 0870036 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/0870036
18.11.2013   Page 2 / 6
Feed-through terminal block - PVB 3 - 0870036
Technical data
Dimensions
Height NS 35/7,5
43.5 mm
Height NS 35/15
51 mm
Connection data
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG/kcmil min.
20
Conductor cross section AWG/kcmil max
10
Conductor cross section stranded min.
0.5 mm²
Conductor cross section stranded max.
6 mm²
Min. AWG conductor cross section, stranded
20
Max. AWG conductor cross section, stranded
10
Connection method
Slip-on connection
Slip-on connection
6.3/2.8 x 0.8 mm
Classifications
eCl@ss
eCl@ss 4.0
27141120
eCl@ss 4.1
27141120
eCl@ss 5.0
27141120
eCl@ss 5.1
27141120
eCl@ss 6.0
27141120
eCl@ss 7.0
27141120
eCl@ss 8.0
27141120
ETIM
ETIM 2.0
EC000897
ETIM 3.0
EC000897
ETIM 4.0
EC000897
ETIM 5.0
EC000897
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com