Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0870036 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0870036
Description  Feed-through terminal block - PVB 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0870036 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0870036 Datasheet HTML 1Page - PHOENIX CONTACT 0870036 Datasheet HTML 2Page - PHOENIX CONTACT 0870036 Datasheet HTML 3Page - PHOENIX CONTACT 0870036 Datasheet HTML 4Page - PHOENIX CONTACT 0870036 Datasheet HTML 5Page - PHOENIX CONTACT 0870036 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/0870036
18.11.2013   Page 1 / 6
Feed-through terminal block - PVB 3 - 0870036
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Slip-on connection, Number of positions: 1, Cross section: 0.5
mm² - 6 mm², AWG: 20 - 10, Width: 23.2 mm, Color: gray, Mounting type: NS 35/7,5, NS 35/15
Key commercial data
Packing unit
1 1
Custom tariff number
85369010
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
6
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V2
Maximum load current
30 A (dependent on the slip-on connection sleeve)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Nominal current IN
30 A (current data for slip-on connections in acc. with EN 61210 are
also dependent on nominal size, material, insulation of the sleeve and
conductor cross section.)
Nominal voltage UN
800 V (voltage data for slip-on connections in acc. with EN 61210 are
also dependent on nominal size, material, insulation of the sleeve and
conductor cross section.)
Number of positions
1
Dimensions
Width
23.2 mm
Length
80 mm


Similar Part No. - 0870036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08700001 MOLEX-08700001 Datasheet
87Kb / 5P
Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
Jun 05, 2025
08700002 MOLEX11-08700002 Datasheet
211Kb / 2P
MINI FIT PIN
08700002 MOLEX-08700002 Datasheet
87Kb / 5P
Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
Jun 05, 2025
08700049 MOLEX-08700049 Datasheet
84Kb / 4P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 30-22 AWG
Jun 05, 2025
08700056 MOLEX-08700056 Datasheet
66Kb / 3P
Hand Crimp Tool for 2.50mm Pitch SPOX Crimp Terminal, 28-22 AWG
Jun 13, 2025
More results

Similar Description - 0870036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
Feed-through modular terminal block
0719168 PHOENIX-0719168 Datasheet
64Kb / 5P
Feed-through terminal block - UK 3 N BK
0870052 PHOENIX-0870052 Datasheet
82Kb / 7P
Feed-through terminal block - PVB 5
1413010 PHOENIX-1413010 Datasheet
108Kb / 8P
Feed-through terminal block - MBK 3
1413094 PHOENIX-1413094 Datasheet
133Kb / 10P
Feed-through terminal block - MBK 3 BU
2778013 PHOENIX-2778013 Datasheet
164Kb / 13P
Feed-through terminal block - UKK 3-LOER
3002513 PHOENIX-3002513 Datasheet
67Kb / 5P
Feed-through terminal block - UK 3-RETURN
3049835 PHOENIX-3049835 Datasheet
155Kb / 16P
Feed-through terminal block - RTO 3-TC BU
3049945 PHOENIX-3049945 Datasheet
155Kb / 16P
Feed-through terminal block - RTO 3-TC
3074240 PHOENIX-3074240 Datasheet
80Kb / 6P
Feed-through terminal block - UKKB 3 GN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com