Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM0127SC Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABM0127SC
Description  27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM0127SC Datasheet(HTML) 3 Page - Abracon Corporation

  ABM0127SC Datasheet HTML 1Page - Abracon Corporation ABM0127SC Datasheet HTML 2Page - Abracon Corporation ABM0127SC Datasheet HTML 3Page - Abracon Corporation ABM0127SC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
ABM0127
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
15pF Load
20
30
mA
Operating Voltage
VDD
2.97
3.30
3.63
V
4. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
27
MHz
0.8V ~ 2.0V with 10 pF load
1.5
Output Clock Rise Time
0.3V ~ 3.0V with 15 pF load
2.4
5
2.0V ~ 0.8V with 10 pF load
1.5
Output Clock Fall Time
3.0V ~ 0.3V with 15pF load
2.4
5
ns
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
Short Circuit Current
±50
mA
5. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
Cycle to Cycle Jitter
Tcyc-cyc
27MHz
100
ps
Cycle to Cycle Jitter
Tcyc-cyc
Audio Clock
150
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com