Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM0127SC Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABM0127SC
Description  27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM0127SC Datasheet(HTML) 4 Page - Abracon Corporation

  ABM0127SC Datasheet HTML 1Page - Abracon Corporation ABM0127SC Datasheet HTML 2Page - Abracon Corporation ABM0127SC Datasheet HTML 3Page - Abracon Corporation ABM0127SC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary
ABM0127
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 4
PACKAGE INFORMATION
ORDERING INFORMATION
Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Abracon’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Abracon Corporation.
C
L
A
EH
D
A1
e
B
8 PIN SOIC (in mm)
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
For part ordering, please contact our Sales Department:
30332 Esperanza., Rancho Santa Margarita, Ca 92688
Ph: 949-546-8000 Fax: 949-546-8001
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
ABM0127 X X X X
Order Number
Marking
Package Option
ABM0127SC
ABM0127SC
SOIC - Tube
ABM0127SC-T
ABM0127SC
SOIC - Tape and Reel
ABM0127SCL
ABM0127SCL
SOIC - Tube
ABM0127SCL-T
ABM0127SCL
SOIC - Tape and Reel
PART NUMBER
TEMPERATURE
C=COMMERCIAL, I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
T=TAPE AND REEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com