Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM0127SC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM0127SC
Description  27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM0127SC Datasheet(HTML) 2 Page - Abracon Corporation

  ABM0127SC Datasheet HTML 1Page - Abracon Corporation ABM0127SC Datasheet HTML 2Page - Abracon Corporation ABM0127SC Datasheet HTML 3Page - Abracon Corporation ABM0127SC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
ABM0127
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 2
PIN DESCRIPTIONS
Name
Pin #
Type
Description
XIN
1
I
Crystal input to be connected to fundamental parallel mode crystal. (CL=15
pF) or clock input.
VDD
2
P
Power supply.
GND
3
P
Ground.
27MHz
4
O
27MHz reference output.
ACLK
5
O
Audio clock output (see selection table on page 1).
S1
6
I
Digital control input to select audio frequency.
60k
Ω internal pull-up.
S0
7
I
Digital control input to select audio frequency.
60k
Ω internal pull-up.
XOUT
8
I
Crystal output.
Notes: I – input pin; P – power supply/ground pin.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
27
MHz
Crystal Loading Rating
CL (xtal)
15
pF
Recommended ESR
RE
AT cut
30
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com