Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-AIGZ Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-AIGZ
Description  Real Time Clock Module with I2C Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-AIGZ Datasheet(HTML) 4 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
I2C Interface Dynamic Characteristics
Valid for Tamb= -40°C to +85°C; VDD= 1.3 V to 4.4 V (except where noted)
Parameters
Symbol
Min.
Typ.
Max.
Units
SCL Clock Frequency
fSCL
0
400
kHz
START Condition Setup Time
(only relevant for a repeated start condition)
tSU:STA
600
ns
START Condition Hold Time
(after this period the first clock pulse is
generated)
tHD:STA
600
ns
Data Setup Time 1)
tSU:DAT
100
ns
Data Hold Time
tHD:DAT
0
µs
STOP Condition Setup Time
tSU:STO
600
ns
Bus Free Time between STOP and START
condition
tBUF
1.3
µs
SCL “LOW time”
tLOW
1.3
µs
SCL “HIGH time”
tHIGH
600
ns
SCL and SDA Rise Time
tR
300
ns
SCL and SDA Fall Time
tF
300
ns
Watchdog Output Pulse Width
tREC
96
98
ms
1. Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling edge of SCL.
I2C Interface Timing Characteristics
Real Time Clock Module with I2C Bus
3.2 x 1.5 x 0.8 mm
Pb RoHS/RoHS II compliant
AB-RTCMC-32.768kHz-AIGZ-S7
LLC
ISO9001-2015
CERTIFIED
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018
ABRACON IS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com