Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-AIGZ Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-AIGZ
Description  Real Time Clock Module with I2C Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-AIGZ Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AB-RTCMC-32.768kHz-AIGZ-S7
Real Time Clock Module with I2C Bus
3.2 x 1.5 x 0.8 mm
Moisture Sensitivity Level: MSL=1
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
• RTC module with built-in crystal oscillating at 32.768 kHz
• 350 nA timekeeping current at 3 V
• Timekeeping down to 1.0 V
• 1.3 V to 4.4 V I2C bus operating voltage
• Low operating current of 35 μA (at 400 kHz)
• 32.768kHz square wave on power-up to drive a microcontroller in
low-power mode– Programmable from 1 Hz to 32.768kHz;– Can be disabled
• 400 kHz I2C serial interface
• Oscillator stop detection circuit monitors clock operation
• Accurate programmable watchdog– 62.5 ms to 31 min timeout
• Counters for tenths/hundredths of seconds, seconds, minutes, hours, day, date,
month, year, and century
• Software clock calibration to compensate deviation of crystal due to temperature
• Automatic leap year compensation
• Ultra-small, 3.2 x1.5 mm, lead-free 8-pin ceramic leadless chip carrier
Pb RoHS/RoHS II compliant
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Credit Cards with Security Technology
Absolute Maximum Ratings
In accordance with the Absolute Maximum Rating System IEC 60134
Parameters
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
VDD
>GND / <VDD
GND-0.3
+5.0
V
Input Voltage
VI
GND-0.2
VDD+0.3
V
Output Voltage
VO
GND-0.2
VDD+0.3
V
Output Current
IO
20
mA
Power Dissipation
PD
1
W
Operating Ambient Temperature
Range
TOPR
-40
+85
°C
Storage Temperature Range
TSTO
Stored as bare
product
-55
+125
°C
Electro Static Discharge Voltage
VESD
HBM1) TA = 25°C
MM2) TA = 25°C
>1500
>1000
V
1) HBM: Human Body Model, according to JESD22-A114.
2) MM: Machine Model, according to JESD22-A115.
These data are based on characterization results, not tested in production. Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure beyond specified operating conditions may affect device reliability or cause malfunction.
Operating and AC Measurement Conditions 1)
Parameters
Symbol
Min.
Max.
Units
Supply Voltage
VDD
1.3
4.4
V
Operating Ambient Temperature
TA
-40
+85
°C
Load Capacitance
CL
50
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2*VDD
0.8*VDD
V
Input and Output timing ref.
Voltage
0.3*VDD
0.7*VDD
V
1) Output Hi-Z is defined as the point where data is no longer driven.
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018
LL


Similar Part No. - AB-RTCMC-32.768KHZ-AIGZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-B5GA ABRACON-AB-RTCMC-32.768KHZ-B5GA Datasheet
1Mb / 6P
Real Time Clock Module with I2C Bus
11.28.2018
AB-RTCMC-32.768KHZ-B5ZE ABRACON-AB-RTCMC-32.768KHZ-B5ZE Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
11.28.2018
AB-RTCMC-32.768KHZ-EOA9 ABRACON-AB-RTCMC-32.768KHZ-EOA9 Datasheet
2Mb / 9P
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
11.28.2018
AB-RTCMC-32.768KHZ-EOZ9 ABRACON-AB-RTCMC-32.768KHZ-EOZ9 Datasheet
2Mb / 10P
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
11.28.2018
AB-RTCMC-32.768KHZ-IBO5 ABRACON-AB-RTCMC-32.768KHZ-IBO5 Datasheet
3Mb / 11P
Ultra-low Power Real Time Clock Module with I2C Bus
01.08.2019
More results

Similar Description - AB-RTCMC-32.768KHZ-AIGZ

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com