Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-AIGZ Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-AIGZ
Description  Real Time Clock Module with I2C Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-AIGZ Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-AIGZ Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Real Time Clock Module with I2C Bus
3.2 x 1.5 x 0.8 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
Pb RoHS/RoHS II compliant
AB-RTCMC-32.768kHz-AIGZ-S7
Capacitance
Parameters 1) 2)
Symbol
Min.
Max.
Units
Input Capacitance
CIN
7
pF
Output Capacitance
COUT 3)
10
pF
Low-pass filter input time constant
(SDA and SCL)
tLP
50
ns
1) Effective capacitance measured with power supply at 3.6 V; sampled only, not 100% tested.
2) At 25°C, f = 1MHz.
3) Outputs deselected.
Frequency Characteristics
Tamb = +25°C; fOSC = 32.768 kHz
Parameters
Symbol
Conditions
Min.
Max.
Units
Frequency Accuracy
∆f/f
Tamb = +25°C
-20
+20
ppm
Frequency vs. Temperature
Characteristics
∆f /TOPR
TOPR= -40 to +85°C
-0.035ppm/°C2 * (TOPR – T0)2 (±10%)
ppm
Turnover Temperature
TO
+20
+25
+30
°C
Aging (first year)
∆f/f
Tamb = +25°C
-3
+3
ppm
Oscillator Start-up Voltage
VStart
≤10 seconds
1.5
V
Oscillator Start-up Time
TStart
VDD = 3.0V
1
s
CLKOUT Duty Cycle
FCLKOUT = 32.768kHz
Tamb= +25°C
40
50
60
%
FREQUENCY VS. TEMPERATURE CHARACTERISTICS
LLC
ISO9001-2015
CERTIFIED
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018
ABRACON IS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com