Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9921 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9921 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC9921 Datasheet HTML 1Page - First Silicon Co., Ltd FC9921 Datasheet HTML 2Page - First Silicon Co., Ltd FC9921 Datasheet HTML 3Page - First Silicon Co., Ltd FC9921 Datasheet HTML 4Page - First Silicon Co., Ltd FC9921 Datasheet HTML 5Page - First Silicon Co., Ltd FC9921 Datasheet HTML 6Page - First Silicon Co., Ltd FC9921 Datasheet HTML 7Page - First Silicon Co., Ltd FC9921 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FC9921
2012. 10. 31
6/8
Revision No : 0
Step 1. Calculating L1.
The output voltage V
O = 10 x VF ≈ 41V (max.). Use equation
(1) assuming a 30% peak-to-peak ripple.
L1 = (41V • 10.5µs) / (0.3 • 20mA) = 72mH
Select L1 68mH, I = 30mA. Typical SRF = 170KHz. Calculate
the coil capacitance.
C
L =
1
L1 • (2π • SRF)2
=
1
68mH
• (2π • 170kHz)2
≈ 13pF
Step 2. Selecting D1
Usually, the reverse recovery characteristics of ultra-
F = 20 ~ 50mA are not provided in the
manufacturer’s data books. The designer may want to
experiment with different diodes to achieve the best result.
Select D1 MUR160 with V
R = 600V, trr ≈ 20ns (IF = 20mA, IRR
= 100mA) and C
J ≈ 8pF (VF > 50V).
Step 3. Calculating total parasitic capacitance using (3)
C
P = 5pF + 5pF + 13pF + 8pF = 31pf
Step 4. Calculating the leading edge spike duration using
(4), (5)
T
SPIKE =
265V • √2 • 31pF
+ 20ns
100mA
≈ 136ns < T
BLANK(MIN)
Step 5. Estimating power dissipation in FC9921 at 265VAC
using (8) and (10)
Switching power loss:
P
SWITCH =
1
(265V • 31pF + 2 • 100mA• 20ns)(265V - 41V)
2 • 10.5µs
0.7
P
SWITCH ≈ 65mW
Minimum duty ratio:
D
M = 41V / (0.7 • 265V • √2) ≈ 0.16
Conduction power loss:
P
COND = 0.25 • (20mA)
2
• 210Ω + 0.63 • 200µA• 265V
P
COND ≈ 55mW
Total power dissipation in FC9921:
P
TOTAL = 120mW + 55mW = 175mW
Step 6. Selecting input capacitor C
N
Output Power = 41V • 20mA = 820mW
Select C
IN ECQ-E4104KF by Panasonic (0.1µF, 400V,
Metalized Polyester Film).
Figure 2. Universal 85-265VAC LED Lamp Driver
C
IN
AC Line
85-265V
C
DD
3
FC9921
D1
L1
LED
1 - LED12
D2
U1
D3
D4
D5
C
IN2
L
IN
VRD1
F1
C
O
VDD
DRAIN
GND
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com