Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9921 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9921 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC9921 Datasheet HTML 1Page - First Silicon Co., Ltd FC9921 Datasheet HTML 2Page - First Silicon Co., Ltd FC9921 Datasheet HTML 3Page - First Silicon Co., Ltd FC9921 Datasheet HTML 4Page - First Silicon Co., Ltd FC9921 Datasheet HTML 5Page - First Silicon Co., Ltd FC9921 Datasheet HTML 6Page - First Silicon Co., Ltd FC9921 Datasheet HTML 7Page - First Silicon Co., Ltd FC9921 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FC9921
2012. 10. 31
2/8
Revision No : 0
Absolute Maximum Ratings
Pin Configurations
Stresses beyond those listed under ‘‘Absolute Maximum Ratings’’ may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Also limited by package power dissipation limit, whichever is lower.
Electrical Characteristics
(Specifications are at T
A = 25°C and VDRAIN =50V, unless otherwise noted)
Symbol Description
Min. Typ. Max. Units Conditions
Regulator (VDD)
VDD
VDD regulator output
-
7.8
-
V ---
VDRAIN VDRAIN supply voltage
20
-
-
V ---
VUVLO VDD undervoltage threshold
5.0
-
-
V ---
ΔVUVLO VDD undervoltage lockout hysteresis
-
200
-
mV ---
IDD
Operating supply current
-
200 350
µA
VDD(EXT) = 8.5V, VDRAIN = 40V
Output (DRAIN)
VBR
Breakdown voltage *
475
-
-
V ---
RON
On-resistance
-
-
100
Ω
IDRAIN = 20mA
CDRAIN Output capacitance #
-
1.0
5.0
pF VDRAIN = 400V
ISAT
MOSFET saturation current #
100 150
-
mA ---
Current Sense Comparator
ITH
Threshold average current *
18.5
23 25.5 mA ---
TBLANK Leading edge blanking delay * #
200 300 400
ns ---
TON(MIN) Minimum on-time
-
-
650
ns ---
OFF-Time Generator
TOFF
8
10.5 13
µ
s ---
Note:
*- Denotes the specifications which apply over the full operating ambient temperature range
of - 40℃ < TA < + 85℃.
# - Denotes guaranteed by design.
Parameter
Value
Supply voltage, VDD
-0.3 to +10V
Supply current, IDD
+5mA
Operating ambient temperature range
-40 ºC to +85℃
Operating junction temperature range
-40 ºC to +125℃
Storage temperature range
-65 ºC to +150℃
Power dissipation @ 25℃, TO-92
740mW
Power dissipation @ 25℃, SOT-89
1600mW (Mounted on
FR4 board, 25mm x
25mm x 1.57mm)
DRAIN
3
SOT-89
VDD
GND
1
2
Top
View
2
GND
TO-92
DRAIN
VDD
1
3
Bottom
View



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com