Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9921 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9921 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC9921 Datasheet HTML 1Page - First Silicon Co., Ltd FC9921 Datasheet HTML 2Page - First Silicon Co., Ltd FC9921 Datasheet HTML 3Page - First Silicon Co., Ltd FC9921 Datasheet HTML 4Page - First Silicon Co., Ltd FC9921 Datasheet HTML 5Page - First Silicon Co., Ltd FC9921 Datasheet HTML 6Page - First Silicon Co., Ltd FC9921 Datasheet HTML 7Page - First Silicon Co., Ltd FC9921 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FC9921
2012. 10. 31
3/8
Revision No : 0
Typical Performance Characteristics (T
J = 25°C unless otherwise noted)
200
180
160
140
120
100
80
60
40
20
0
Junction Temperature (°C)
580
570
560
550
540
530
520
510
500
490
Junction Temperature, °C
180
160
140
120
100
80
60
40
20
0
DRAIN Voltage (V)
12
10
8
6
4
2
0
Junction Temperature (°C)
1000
100
10
1
0
10
20
30
40
DRAIN Voltage (V)
T
J = 25°C
T
J = 125°C
1.10
1.05
1.00
0.95
0.90
0.85
0.80
-40
-15
10
35
60
85
110
Junction Temperature, °C
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
0
10
20
30
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com