Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR402 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FCR402
Description  LED Drive Application.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FCR402 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FCR402 Datasheet HTML 1Page - First Silicon Co., Ltd FCR402 Datasheet HTML 2Page - First Silicon Co., Ltd FCR402 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Supply Current
IS
VS=10V
340
420
500
DC Current Gain
hFE
IC=50mA, VCE=1V
100
220
470
-
Internal Resistor
Rint
IRint=20mA
37
44
53
Output Current
IO
VS=10V, VOUT=8.6V
18
20
22
mA
Voltage Drop (VS-VE)
VDrop
IO=20mA
0.8
0.85
0.9
V
Lowest Sufficient Battery Voltage Overhead
VSmin
IO>18mA
-
1.4
-
V
Output Current Change Versus Ta
IO/IO
VS=10V
-
-0.2
-
%/K
Output Current Change Versus VS
IO/IO
VS=10V
-
1
-
%/V
APPLICATION CIRCUIT
1
2, 3, 5
LED
LED
6
4
+VS
Rext
FCR402
2018. 04. 09
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com