Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR402 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FCR402
Description  LED Drive Application.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FCR402 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FCR402 Datasheet HTML 1Page - First Silicon Co., Ltd FCR402 Datasheet HTML 2Page - First Silicon Co., Ltd FCR402 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Constant-Current LED Driver Transistor
LED Drive Application.
FEATURES
Supplies stable bias current even at low battery voltage.
Ideal for stabilizing bias current of LEDs.
Negative temperature coefficient protects LEDs against thermal overload.
1. GND
2. Output Current
3. Output Current
4. Source Voltage
5. Output Current
6. Rext
DIM
MILLIMETERS
A
B
D
E
SOT-26
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
1
6
4
+
_
+
_
+
_
+
_
+
_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25
)
MARKING
65
4
12
3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Source Voltage
VS
40
V
Output Current
IO
65
mA
Output Voltage
VO
38
V
Reverse Voltage Between All Terminals
VR
0.5
V
Power Dissipation
PD*
900
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
*Package mounted on a ceramic board (600
0.8
)
SEMICONDUCTOR
TECHNICAL DATA
FCR402
2018. 04. 09
1/3
Revision No : 0
Lot No.


Similar Part No. - FCR402

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FCR40.0M6 TDK-FCR40.0M6 Datasheet
65Kb / 3P
Ceramic Resonators
More results

Similar Description - FCR402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
logo
Toshiba Semiconductor
SSM6K32TU TOSHIBA-SSM6K32TU Datasheet
612Kb / 6P
Relay drive, DC/DC converter application
logo
Sanyo Semicon Device
TND517VS SANYO-TND517VS Datasheet
373Kb / 8P
Single-phase High Side Drive Application
logo
Toshiba Semiconductor
2SK2961 TOSHIBA-2SK2961_09 Datasheet
387Kb / 6P
Relay Drive, Motor Drive and DC−DC Converter Application
logo
Sanyo Semicon Device
TND523SS SANYO-TND523SS Datasheet
494Kb / 8P
Single-phase High Side Drive Application
logo
KODENSHI_AUK CORP.
SNN01Z60Q KODENSHI-SNN01Z60Q Datasheet
611Kb / 8P
Logic Level gat Drive Application
logo
Isahaya Electronics Cor...
ISA1287AS1 ISAHAYA-ISA1287AS1 Datasheet
194Kb / 4P
FOR RELAY DRIVE, POWOR SUPPLY APPLICATION
logo
Linkage Goston Electron...
SM7522 LINKAGE-SM7522 Datasheet
2Mb / 8P
BUCK double application constant current drive chip
SM7524 LINKAGE-SM7524 Datasheet
2Mb / 8P
BUCK double application constant current drive chip
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com