Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR402 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FCR402
Description  LED Drive Application.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FCR402 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FCR402 Datasheet HTML 1Page - First Silicon Co., Ltd FCR402 Datasheet HTML 2Page - First Silicon Co., Ltd FCR402 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
18 Ohm
27 Ohm
36 Ohm
82 Ohm
open
Source Voltage VS (V)
IO - VS
0
5
10
15
20
25
25 30
0
5
10 15 20
45 50
40
35
VS-VO=1.2V,2V
VS-VO=1V
IS - VS
-40 C
20 C
80 C
-40 C
20 C
80 C
-40 C
20 C
80 C
Source Voltage VS (V)
IO - VS
10
100
25 30
0
5
10 15 20
45 50
40
35
VS-VO=1.4V
Source Voltage VS (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
25 30
0
5
10 15 20
45 50
40
35
Source Voltage VS (V)
IO - VS
10
100
25 30
0
5
10 15 20
45 50
40
35
Ta=25 C
10
100
External Resistor Rext (Ω)
IO - Rext
0
0
1
0
1
VS=10V
VS-VO=1.4V
VS-VO=1.4V
2018. 04. 09
3/3
Revision No : 0
FCR402



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com