Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS3201DBVT Datasheet HTML 15Page - Texas Instruments THS3201DBVT Datasheet HTML 16Page - Texas Instruments THS3201DBVT Datasheet HTML 17Page - Texas Instruments THS3201DBVT Datasheet HTML 18Page - Texas Instruments THS3201DBVT Datasheet HTML 19Page - Texas Instruments THS3201DBVT Datasheet HTML 20Page - Texas Instruments THS3201DBVT Datasheet HTML 21Page - Texas Instruments THS3201DBVT Datasheet HTML 22Page - Texas Instruments THS3201DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
19
PowerPAD DESIGN CONSIDERATIONS
The THS3201 is available in a thermally-enhanced
PowerPAD family of packages. These packages are
constructed using a downset leadframe upon which the die
is mounted [see Figure 61(a) and Figure 61(b)]. This
arrangement results in the lead frame being exposed as a
thermal pad on the underside of the package [see
Figure 61(c)]. Because this thermal pad has direct thermal
contact with the die, excellent thermal performance can be
achieved by providing a good thermal path away from the
thermal pad.
The PowerPAD package allows for both assembly and
thermal management in one manufacturing operation.
During the surface-mount solder operation (when the
leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package.
Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either
a ground plane or other heat dissipating device.
The PowerPAD package represents a breakthrough in
combining the small area and ease of assembly of surface
mount with the, heretofore, awkward mechanical methods
of heatsinking.
DIE
Side View (a)
DIE
End View (b)
Thermal
Pad
Bottom View (c)
Figure 61. Views of Thermally Enhanced Package
Although there are many ways to properly heatsink the
PowerPAD package, the following steps illustrate the
recommended approach.
0.060
0.040
0.075
0.025
0.205
0.010
vias
Pin 1
Top View
0.017
0.035
0.094
0.030
0.013
Figure 62. DGN PowerPAD PCB Etch and Via
Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com