Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201DBVT Datasheet(HTML) 1 Page - Texas Instruments

  THS3201DBVT Datasheet HTML 1Page - Texas Instruments THS3201DBVT Datasheet HTML 2Page - Texas Instruments THS3201DBVT Datasheet HTML 3Page - Texas Instruments THS3201DBVT Datasheet HTML 4Page - Texas Instruments THS3201DBVT Datasheet HTML 5Page - Texas Instruments THS3201DBVT Datasheet HTML 6Page - Texas Instruments THS3201DBVT Datasheet HTML 7Page - Texas Instruments THS3201DBVT Datasheet HTML 8Page - Texas Instruments THS3201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
1.8GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
DBV-5
DGN-8 DGK-8
D-8
FEATURES
D Unity Gain Bandwidth: 1.8 GHz
D High Slew Rate: 10500 V/µs
D Distortion at 100 MHz: (G = 10 V/V,
RL = 100 Ω, 2-VPP envelope)
− IMD3: −80 dBc
− OIP3: 41 dBm
D Noise Figure : 11 dB (G = 10 V/V,
RG = 28 Ω, RF = 255 Ω)
D Input Referred Noise (f > 10 MHz)
− Voltage Noise: 1.65 nV/
√Hz
− Noninverting Current Noise: 13.4 pA/
√Hz
− Inverting Current Noise: 20 pA/
√Hz
D Output Current: +115/−100 mA
D Power Supply Voltage Range: ±3.3 V to ±7.5 V
APPLICATIONS
D Arbitrary Waveform Driver
D High-Resolution, High-Sampling Rate ADC
Drivers
D High-Resolution, High-Sampling Rate DAC
Output Buffers
D If Amplification for Wireless Communications
Applciations
D Broadcast Video and HDTV Line Drivers
DESCRIPTION
The
THS3201
is
a
wide-band,
high-speed
current-feedback amplifier, designed to operate over a
wide supply range of
±3.3 V to ±7.5 V for todays high
performance applications.
The wide supply range combined with distortion as low as
−74 dBc at 10 MHz, plus an extremely high slew rate of
10500 V/
µs makes the THS3201 ideally suited for arbitrary
waveform driver applications. The distortion performance
also enables driving high-resolution and high-sampling
rate ADCs. Moreover, the gain of +2 bandwidth of 850
MHz, combined with a 0.1 dB flatness of 380 MHz makes
the THS3201 ideal for broadcast video and HDTV
applications.
The
THS3201
also
offers
excellent
performance
for
IF
amplification
in
wireless
communications systems by having IMD3 performance of
−80 dBc, OIP3 of 41 dBm, and a noise figure of 11 dB, all at
100 MHz with a gain +10 V/V, while driving a 2-VPP
envelope into a 100-
Ω load.
The THS3201 is offered in a 5-pin SOT−23, 8-pin SOIC,
and an 8-pin MSOP with PowerPAD
 packages.
RELATED DEVICES AND DESCRIPTIONS
THS3202
±7.5-V 2-GHz Dual Low Distortion CFB Amplifier
THS3001
±15-V 420-MHz Low Distortion CFB Amplifier
THS3061/2
±15-V 300-MHz Low Distortion CFB Amplifier
THS3122
±15-V Dual CFB Amplifier With 350 mA Drive
THS4271
±7.5-V 1.4-GHz Low Distortion VFB Amplifier
_
+
768
Ω
+7.5 V
49.9
Ω
VI
−7.5 V
50
Ω Source
Low-Noise, Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
768
Ω
50
Ω
THS3201
49.9
Ω
50
Ω
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
NONINVERTING SMALL SIGNAL
FREQUENCY RESPONSE
RF = 768 Ω
Gain = 2.
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003 − 2004, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - THS3201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DBVT TI1-THS3201DBVT Datasheet
1Mb / 40P
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201DBVTG4 TI1-THS3201DBVTG4 Datasheet
1Mb / 40P
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DBVT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com