Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3201DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3201DBVT Datasheet HTML 17Page - Texas Instruments THS3201DBVT Datasheet HTML 18Page - Texas Instruments THS3201DBVT Datasheet HTML 19Page - Texas Instruments THS3201DBVT Datasheet HTML 20Page - Texas Instruments THS3201DBVT Datasheet HTML 21Page - Texas Instruments THS3201DBVT Datasheet HTML 22Page - Texas Instruments THS3201DBVT Datasheet HTML 23Page - Texas Instruments THS3201DBVT Datasheet HTML 24Page - Texas Instruments THS3201DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
21
For systems where heat dissipation is more critical, the
THS3201 is offered in an 8-pin MSOP with PowerPAD and
the THS3201 is available in the SOIC−8 PowerPAD
package offering even better thermal performance. The
thermal coefficient for the PowerPAD packages are
substantially
improved
over
the
traditional
SOIC.
Maximum power dissipation levels are depicted in the
graph for the available packages. The data for the
PowerPAD packages assume a board layout that follows
the PowerPAD layout guidelines referenced above and
detailed in the PowerPAD application note number
SLMA002. The following graph also illustrates the effect of
not soldering the PowerPAD to a PCB. The thermal
impedance increases substantially which may cause
serious heat and performance issues. Be sure to always
solder
the
PowerPAD
to
the
PCB
for
optimum
performance.
θJA = 58.4°C/W for 8-Pin MSOP w/PowerPad (DGN)
θJA = 98°C/W for 8-Pin SOIC High Test PCB (D)
θJA = 158°C/W for 8-Pin MSOP w/PowerPad w/o Solder
Results are With No Air Flow and PCB Size = 3”x3”
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
θJA = 98°C/W
θJA = 158°C/W
TJ = 125°C
θJA = 58.4°C/W
Figure 63. Maximum Power Dissipation vs
Ambient Temperature
When determining whether or not the device satisfies the
maximum power dissipation requirement, it is important to
not only consider quiescent power dissipation, but also
dynamic power dissipation. Often times, this is difficult to
quantify because the signal pattern is inconsistent, but an
estimate of the RMS power dissipation can provide
visibility into a possible problem.
DESIGN TOOLS
Evaluation Fixture, Spice Models, and
Applications Support
Texas Instruments is committed to providing its customers
with the highest quality of applications support. To support
this goal an evaluation board has been developed for the
THS3201 operational amplifier. The board is easy to use,
allowing for straightforward evaluation of the device. The
evaluation board can be ordered through the Texas
Instruments web site, www.ti.com, or through your local
Texas Instruments sales representative. The schematic
diagram, board layers, and bill of materials of the
evaluation boards are provided below.
R5
J2
Vin+
R6
U1
2
3
6
7
41
8
J8*
Vs+
C8*
R4
R7
C7*
J9*
R2
J4
Vout
Vs −
R3
J1
Vin−
TP1
+
C1
VS−
J7
C6
C5
C2
VS+
J5
+
FB2
C4
C3
FB1
VS−
GND
VS+
J6
_
+
*Does Not Apply to the THS3201
PD
768
Ω
768
Ω
49.9
Ω
0
Ω
PD Ref
49.9
Ω
Not Populated
0.1
µF
22
µF
100 pF
100 pF
0.1
µF
22
µF
Figure 64. THS3201 EVM Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com