Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103MA0 Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # Z0103MA0
Description  4Q Triac
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

Z0103MA0 Datasheet(HTML) 1 Page - WeEn Semiconductors

  Z0103MA0 Datasheet HTML 1Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 2Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 3Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 4Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 5Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 6Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 7Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 8Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Z0103MA0
4Q Triac
17 September 2018
Product data sheet
1. General description
Planar passivated very sensitive gate four quadrant triac in a SOT54 (TO-92) plastic package
intended for use in applications requiring enhanced noise immunity and direct interfacing to logic
ICs and low power gate drivers.
2. Features and benefits
• Direct interfacing to logic level ICs
• Enhanced current surge capability
• Enhanced noise immunity
• High blocking voltage capability
• Planar passivated for voltage ruggedness and reliability
• Triggering in all four quadrants
• Very sensitive gate in four quadrants
3. Applications
• General purpose low power motor control
• Home appliances
• Industrial process control
• Low power AC Fan controllers
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 45 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
1
A
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
12.5
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
-
13.8
A
Tj
junction temperature
-
-
125
°C
Static characteristics
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
0.2
-
3
mA
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
0.2
-
3
mA


Similar Part No. - Z0103MA0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0,116 NXP-Z0103MA0,116 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0,412 NXP-Z0103MA0,412 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0116 NXP-Z0103MA0116 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0412 NXP-Z0103MA0412 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
More results

Similar Description - Z0103MA0

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
4Q Triac
logo
WeEn Semiconductors
BT134-600E WEEN-BT134-600E Datasheet
560Kb / 13P
4Q Triac
BT134-800 WEEN-BT134-800 Datasheet
505Kb / 13P
4Q Triac
BT134W-600 WEEN-BT134W-600 Datasheet
228Kb / 15P
4Q Triac
BT136S-600F WEEN-BT136S-600F Datasheet
259Kb / 13P
4Q Triac
BT136X-600 WEEN-BT136X-600 Datasheet
506Kb / 13P
4Q Triac
BT136X-600D WEEN-BT136X-600D Datasheet
472Kb / 13P
4Q Triac
BT136X-600E WEEN-BT136X-600E Datasheet
504Kb / 13P
4Q Triac
BT136X-800E WEEN-BT136X-800E Datasheet
473Kb / 13P
4Q Triac
BT137-600 WEEN-BT137-600 Datasheet
465Kb / 13P
4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com