Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103MA0 Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # Z0103MA0
Description  4Q Triac
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

Z0103MA0 Datasheet(HTML) 3 Page - WeEn Semiconductors

  Z0103MA0 Datasheet HTML 1Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 2Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 3Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 4Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 5Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 6Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 7Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 8Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WeEn Semiconductors
Z0103MA0
4Q Triac
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
17 September 2018
3 / 13
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state
voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 45 °C; Fig. 1; Fig. 2;
Fig. 3
-
1
A
full sine wave; Tj(init) = 25 °C; tp = 20 ms;
Fig. 4; Fig. 5
-
12.5
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C; tp = 16.7 ms
-
13.8
A
I2t
I2t for fusing
tp = 10 ms; SIN
-
0.78
A²s
-
50
A/µs
IG = 20 mA; T2+ G+
-
50
A/µs
IG = 20 mA; T2- G-
-
50
A/µs
dIT/dt
rate of rise of on-state
current
IG = 20 mA; T2- G+
-
20
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
003aac264
0
0.4
0.8
1.2
-50
0
50
100
150
Tlead(°C)
IT(RMS)
(A)
Fig. 1. RMS on-state current as a function of lead
temperature; maximum values
003a af977
0
4
8
12
16
10-2
10-1
1
10
surge duration (s)
IT(RMS)
(A)
f = 50 Hz; Tlead = 45 °C
Fig. 2. RMS on-state current as a function of surge
duration; maximum values
IG = 20 mA; T2+ G-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com