Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103MA0 Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # Z0103MA0
Description  4Q Triac
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

Z0103MA0 Datasheet(HTML) 2 Page - WeEn Semiconductors

  Z0103MA0 Datasheet HTML 1Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 2Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 3Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 4Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 5Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 6Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 7Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 8Page - WeEn Semiconductors Z0103MA0 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WeEn Semiconductors
Z0103MA0
4Q Triac
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
17 September 2018
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
0.2
-
3
mA
VD = 12 V; IT = 0.1 A; T2- G+;
Tj = 25 °C; Fig. 7
0.2
-
5
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 9
-
-
7
mA
VT
on-state voltage
IT = 1.4 A; Tj = 25 °C; Fig. 10
-
1.3
1.6
V
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 402 V; Tj = 110 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit; Fig. 12
80
-
-
V/µs
dVcom/dt
rate of change of
commutating voltage
VD = 400 V; Tj = 110 °C; dIcom/
dt = 0.44 A/ms; IT = 1 A; gate open
circuit
0.5
-
-
V/µs
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
T2
main terminal 2
2
G
gate
3
T1
main terminal 1
1
2
3
TO-92 (SOT54)
sym051
T1
G
T2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
Z0103MA0
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com